PART |
Description |
Maker |
LM317 |
1.2V TO 37V VOLTAGE REGULATOR
|
STMicro
|
LM317K |
1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
ST Microelectronics
|
LM317LZ LM217L LM217LD LM217LZ LM317L |
1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR LOW CURRENT LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
SGS Thomson Microelectronics STMicroelectronics
|
LM317A LM317AG-AA3-R LM317AG-TA3-T LM317AG-TN3-R L |
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
Unisonic Technologies
|
LM317LZ |
1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR LOW CURRENT
|
st
|
LM317L |
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
E-Tech Electronics LTD
|
NTE1901 |
Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA
|
NTE[NTE Electronics]
|
UTCLM317L |
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR 低电1.25V时到37V可调电压调节
|
Unisonic Technologies Co., Ltd. UTC[Unisonic Technologies]
|
LM217L05 LM317LZ LM217L LM217LD LM217LZ LM317L LM3 |
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
STMICROELECTRONICS[STMicroelectronics]
|
NTE1911 |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBFM2 3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
|
NTE[NTE Electronics]
|
MMBZ5221B MMBZ5235B MMBZ5250B MMBZ5243B MMBZ5252B |
100mA, Adjustable Output 1.2 to 37V, Voltage Regulator with ±4% tolerance, Ta = -40°C to 125°C ; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Automotive Catalog Fast-Transient-Response 1.5-A Low-Drop Voltage Regulator 20-HTSSOP -40 to 125 500mA, Adjustable Output 1.2 to 37V, Voltage Regulator with ±4% tolerance, Ta = 0°C to 125°C; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 Small Signal Bias Resistor Transistor SOT-723 NPN 50V; Package: SOT-723 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 8000 2-36V Dual Comparator, Ta = -40 to 105°C - Pb-free; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 3-36V Quad Comparator, Ta = -25 to 85°C; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tube; Qty per Container: 55 2-36V Dual Comparator, Ta = -25 to 85°C - Pb-free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 SURFACE MOUNT SILICON ZENER DIODES
|
PanJit International Inc. PANJIT[Pan Jit International Inc.] Pan Jit International I...
|
PIC16C74B-20/JW PIC16C74B-20/L PIC16C74B-20/P PIC1 |
DIODE SCHOTTKY SINGLE 25V 250mW 0.55V-vf 100mA-IFM 50mA-IF 1uA-IR SOD-323 3K/REEL 28/40-Pin 8位CMOS微控制器 DIODE SCHOTTKY SINGLE 10V 400mW 0.37V-vf 350mA-IFM 20mA-IF 5uA-IR SOD-123 3K/REEL 28/40-Pin 8位CMOS微控制器 DIODE SCHOTTKY SINGLE 20V 200mW 0.37V-vf 350mA-IFM 20mA-IF 5uA-IR SOD-323 3K/REEL 28/40-Pin 8位CMOS微控制器 28/40-Pin 8-Bit CMOS Microcontrollers 28/40-Pin 8位CMOS微控制器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle ER 8C 8#12 PIN PLUG ER 16C 16#16 SKT PLUG Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle N-Channel MOSFET Gate Driver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C Complete SO-8, 12-Bit, 400ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Complete SO-8, 12-Bit, 400ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C CompactPCI Hot Swap Controller with I²C Compatible Interface; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C CompactPCI Hot Swap Controller with I²C Compatible Interface; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Low Voltage I2C/SMBus Accelerator; Package: SC70; No of Pins: 6; Temperature Range: -40°C to 85°C Complete SO-8, 12-Bit, 200ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8-BIT MICROCONTROLLER 8位微控制 Very High Linearity Active Mixer; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C 8位微控制 Dual Supply Hot Swap Controller; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 8位微控制 Capacitor Charger Controller; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 8位微控制 8-Bit CMOS Microcontrollers with A/D Converter(带A/D转换器的8位CMOS微控制器) 8位CMOS微控制器与A / D转换器(带的A / D转换器的8位的CMOS微控制器
|
Microchip Technology, Inc. Microchip Technology Inc. http:// Amphenol, Corp. SIEMENS AG
|