PART |
Description |
Maker |
NCV8503PWADJG NCV8503PWADJR2G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
可调正电压单路输出LDO稳压 ON Semiconductor
|
IRU3007 IRU3007CW IRLR024 MBRB1035 HIP6019 IRL3103 |
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK / NON-SYNCHRONOUS /ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK/ NON-SYNCHRONOUS/ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5 Bit Prog SynchBuck CIC Non Synch Adj LDO 200mA in a 28-Pin SOIC(WB) package
|
IRF[International Rectifier]
|
NCV8502D100R2 NCV8502PDW100R2 NCV8502DADJ NCV8502P |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG 1.242 V-1.318 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|
LT1963AES8PBF LT1963AIFETRPBF LT1963AIQTR |
1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO8 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO16 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
NCV8505D2TADJR4G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO7
|
ON Semiconductor
|
MIC2219-PSYML MIC2219 MIC2219-3.0BML MIC2219-3.3BM |
Dynamically Adjustable Dual uCap LDO DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10
|
MICREL INC MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
NCP603SNADJT1G NCP603SN500T1G |
300MA High Performance Low−Power, LDO Regulator with Enable 1.25 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO5
|
ON Semiconductor
|
RHFL7913KPA-02V RHFL7913SCA1 RHFL7913KPA2 |
1.2 V-9.5 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.8 V DROPOUT, CDFP16 1.2 V-9.5 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.8 V DROPOUT, CBCC5
|
STMICROELECTRONICS
|
S1117AQ S1117-15Q S1117-18Q S1117-25Q S1117-285Q S |
Adjustable and Fixed LDO Voltage Regulator 可调和固定LDO稳压 Regulator > LDO
|
AUK, Corp. AUK[AUK corp]
|
MAX1818EUT25G16 MAX1818EUT15 MAX1818EUT15G16 MAX18 |
500mA, Low-Dropout Linear Regulator in SOT23 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.36 V DROPOUT, PDSO6 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, PDSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|