PART |
Description |
Maker |
S4707-01 |
MOSFET, Switching; VDSS (V): 600; ID (A): 21; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.315; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 0.107; Package: TO-3P
|
Hamamatsu Photonics
|
STU6N60M2 STF6N60M2 STP6N60M2 |
N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in IPAK package N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220FP package N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220 package
|
ST Microelectronics
|
STB36NM60N STB36NM60ND STW36NM60ND |
Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
|
STMicroelectronics
|
STB7ANM60N |
N-channel 600 V, 5 A, 0.84 Ohm typ., MDmesh(TM) II Power MOSFET in DPAK package
|
ST Microelectronics
|
STF13NM60N STP13NM60N STI13NM60N STD13NM60N STU13N |
N-channel 600 V, 0.28 Ω typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
|
STMicroelectronics
|
STL24N60M2 |
N-channel 600 V, 0.186 typ., 18 A MDmesh II Plus low Qg Power MOSFET in a PowerFLAT 8x8 HV package
|
STMicroelectronics
|
STW40N60M2 STFI40N60M2 |
N-channel Power MOSFET N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
|
STMicroelectronics N.V.
|
STB40N60M2 STW40N60M2 STF40N60M2 STP40N60M2 |
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
|
STMicroelectronics
|
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
RFP12N06RLE RFD12N06RLESM RFD12N06RLE FN2407 |
From old datasheet system 12A/ 60V/ 0.135 Ohm/ N-Channel/ Logic Level/ Power MOSFETs 12A, 60V, 0.135 Ohm, N-Channel, Logic Level, Power MOSFETs(12A, 60V, 0.135 Ω, N沟道,逻辑电平,功率MOS场效应管) 12 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
INTERSIL[Intersil Corporation] Fairchild Semiconductor, Corp.
|
STH300NH02L-6 |
N-channel 24 V, 0.95 mOhm typ., 180 A STripFET(TM) Power MOSFET in a H2PAK-6 package Automotive-grade N-channel 24 V, 0.95 typ., 180 A
|
ST Microelectronics STMicroelectronics
|
|