Part Number Hot Search : 
MAX5816 100LVEL B11NM80 SC1128 BCP54TC AL4CS205 LM3S1110 EP100
Product Description
Full Text Search
  0.135 Datasheet PDF File

For 0.135 Found Datasheets File :: 2829    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IRF3711 IRF3711L IRF3711S

IRF[International Rectifier]
Part No. IRF3711 IRF3711L IRF3711S
OCR Text ...50 (.059) 0.368 (.0145) 0.342 (.0135) FEED DIRECTION 1.85 (.073) Notes: 1.65 (.065) 11.60 (.457) 11.40 (.449) TRL Repetitive rating; pulse width limited by max. junction temperature. Starting T(.429)25C, L = 1.0mH 1.25 (.049) 1...
Description Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A??
Power MOSFET(Vdss=20V/ Rds(on)max=6.0mohm/ Id=110A)
Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A?)
Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A)
Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A?

File Size 243.87K  /  11 Page

View it Online

Download Datasheet





    ICS9179B-01 ICS9179BF-01

ICST[Integrated Circuit Systems]
Part No. ICS9179B-01 ICS9179BF-01
OCR Text ... .016 .088 .090 .092 .008 .010 .0135 .005 .010 See Variations .292 .296 .299 0.025 BSC .400 .406 .410 .010 .013 .016 .024 .032 .040 See Variations 0 5 8 .085 .093 .100 VARIATIONS AC MIN. .620 D NOM. .625 N MAX. .630 48 Ordering ...
Description Low Skew Buffers

File Size 510.52K  /  9 Page

View it Online

Download Datasheet

    IRF7413A IRF7413ATR

International Rectifier
Part No. IRF7413A IRF7413ATR
OCR Text ...3 6 4 5 RDS(on) = 0.0135 T op V iew Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast...
Description Power MOSFET(Vdss=30V/ Rds(on)=0.0135ohm)
Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
30V Single N-Channel HEXFET Power MOSFET in a SO-8 package

File Size 112.28K  /  9 Page

View it Online

Download Datasheet

    MBR0540

Fairchild Semiconductor
Part No. MBR0540
OCR Text ...nimum 0.0040 (0.1015) 0.0005 (0.0135) 0.028 (0.700) 0.021 (0.546) 1.0 Ampere Schottky Power Rectifiers Absolute Maximum Ratings* Symbol IO if(surge) Average Rectified Current Peak Forward Surge Current half wave, single phase, 60 H...
Description 1.0 Ampere Schottky Power Rectifiers

File Size 178.99K  /  6 Page

View it Online

Download Datasheet

    SI4410BDY SI4410BDY-T1

Vishay Intertechnology, Inc.
VISAY[Vishay Siliconix]
Part No. SI4410BDY SI4410BDY-T1
OCR Text ... ID (A) 10 8 rDS(on) (W) 0.0135 @ VGS = 10 V 0.020 @ VGS = 4.5 V APPLICATIONS D Battery Switch D SO-8 S S S G 1 2 3 4 Top View S N-Channel MOSFET 8 7 6 5 D D D D G Ordering Information: Si4410BDY Si4410BDY-T1 (with Tape a...
Description Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode 双N沟道30 V的(副)MOSFET的肖特基二极

File Size 58.92K  /  5 Page

View it Online

Download Datasheet

    SI4410DY

FAIRCHILD[Fairchild Semiconductor]
Part No. SI4410DY
OCR Text ...s 10 A, 30 V. RDS(ON) = 0.0135 @ VGS = 10 V RDS(ON) = 0.020 @ VGS = 4.5 V Low gate charge. Fast switching speed. High performance trench technology for extremely low RDS(ON). High power and current handling capability. Applicatio...
Description Single N-Channel Logic Level PowerTrench MOSFET

File Size 189.01K  /  3 Page

View it Online

Download Datasheet

    AN4839 AN4869 AN4505 AN4506

Dynex Semiconductor Ltd.
DYNEX[Dynex Semiconductor]
Part No. AN4839 AN4869 AN4505 AN4506
OCR Text ...(C/W) 0.0165 0.0155 0.0145 0.0135 0.0125 0.0115 0.0105 0.0095 0.0085 1 2 3 4 5 6 7 WATER FLOW (L/m) 8 9 10 Type code: F 0.0155 THERMAL RESISTANCE (C/W) 0.0145 0.0135 0.0125 0.0115 0.0105 0.0095 0.0085 0.0075 1 2 3 4 5 6 7 WATER...
Description Circular Connector; No. of Contacts:23; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
LJT 55C 55#22D PIN RECP
Power Assemblies

File Size 115.58K  /  5 Page

View it Online

Download Datasheet

    IRL5602S IRF530S IRL5602STRR IRL5602STRL

IRF[International Rectifier]
Part No. IRL5602S IRF530S IRL5602STRR IRL5602STRL
OCR Text ....082) 2X 0.368 (.0145) 0.342 (.0135) 2.54 (.100) 2X FEED DIRECTION 1.85 (.073) 1.65 (.065) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 24.30 (.957) 23.90 (.941) TRL 10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.0...
Description -20V Single P-Channel HEXFET Power MOSFET in a D2-Pak package

File Size 169.26K  /  8 Page

View it Online

Download Datasheet

    PI3B16212

Pericom Semiconductor Corporation
ETC
Part No. PI3B16212
OCR Text ...SIONS X.XX IN MILLIMETERS .008 .0135 0.20 0.34 .008 0.20 .016 0.40 0-8 Ordering Information Part PI3B16212A PI3B16212V Pin 56 Package TSSOP SSO P Width 240- mil 300- mil Te mpe rature 40C to 85C Pericom Semiconductor Corporation 2...
Description 3.3V, 24-Bit Bus Exchange Switch

File Size 167.36K  /  4 Page

View it Online

Download Datasheet

    10TTS08S 10TTS08STRL 10TTS08STRR

IRF[International Rectifier]
Part No. 10TTS08S 10TTS08STRL 10TTS08STRR
OCR Text ... .94 1) 0.368 (0.0145) 0.342 (0.0135) 360 (14.173) dia. max. 26.40 (1.039) 24.40 (0.961) 13.50 (0.532) 12.80 (0.504) dia. 60 (2.362) dia. min. smd-220 tape & reel when ordering, indicate the part number, part orientation, and the ...
Description SURFACE MOUNTABLE PHASE CONTROL SCR

File Size 74.74K  /  8 Page

View it Online

Download Datasheet

For 0.135 Found Datasheets File :: 2829    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.65575194358826