PART |
Description |
Maker |
7718N-0026P 7718N-0027 7718N-0025 |
2000 MHz - 8000 MHz RF/MICROWAVE LINEAR DETECTOR, 17 dBm INPUT POWER-MAX 8000 MHz - 18000 MHz RF/MICROWAVE LINEAR DETECTOR, 17 dBm INPUT POWER-MAX 100 MHz - 2000 MHz RF/MICROWAVE LINEAR DETECTOR, 17 dBm INPUT POWER-MAX
|
M/A-COM Technology Solutions, Inc.
|
PE42672 42672-99 42672-00 42672-90 |
SP7T UltraCMOS?/a> 2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3 SP7T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3 SP7T UltraCMOS2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3 SP7T UltraCMOS⑩ 2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
ACTM1137PM1020 ACTM1130NM1020 |
1000 MHz - 2000 MHz RF/MICROWAVE LINEAR DETECTOR, 14 dBm INPUT POWER-MAX 2000 MHz - 4000 MHz RF/MICROWAVE LINEAR DETECTOR, 14 dBm INPUT POWER-MAX
|
|
ACTM1130PM10 ACTM1130NM47 ACTM1130PM47 |
2000 MHz - 4000 MHz RF/MICROWAVE LINEAR DETECTOR, 14 dBm INPUT POWER-MAX
|
|
ACTP-1796PM61 |
18000 MHz - 30000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 14 dBm INPUT POWER-MAX CASE M61, 2 PIN
|
Method Electronics, Inc.
|
ACSP-2518PZC15R-RC |
7900 MHz - 8400 MHz RF/MICROWAVE THRESHOLD DETECTOR, 23 dBm INPUT POWER-MAX ROHS COMPLIANT, CASE C15
|
Amphenol, Corp.
|
HMC61110 |
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz 1 MHz - 10000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 15 dBm INPUT POWER-MAX
|
http:// HITTITE MICROWAVE CORP Hittite Microwave Corporation
|
ACSP-2501NZC15R-RC ACSP-2501PC8-RC ACSP-2501PC15-R |
500 MHz - 2000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 20 dBm INPUT POWER-MAX ROHS COMPLIANT, CASE C15 500 MHz - 2000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 20 dBm INPUT POWER-MAX ROHS COMPLIANT, CASE C8
|
Radicom Research, Inc.
|
SYM-25DMHW |
Level 13 (LO Power 13 dBm) 40 to 2500 MHz
|
Mini-Circuits
|
RMS-30 |
Level 7 (LO Power 7 dBm) 200 to 3000 MHz
|
Mini-Circuits
|
PE15A1009 |
1.4 dB NF, 11 dBm, 10 MHz to 3 GHz, Low Noise Amplifier
|
Pasternack Enterprises, Inc.
|
CFK2162-P1-000T |
800 to 900 MHz, 34 dBm, power GaAs FET
|
CELERITEK
|