PART |
Description |
Maker |
M80-4C10805F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M80-4C12005F1-02-327-02-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 20 x Small bore signal contacts, 4 x 16 AWG Power contacts
|
HARWIN INC
|
M83-LFC1F2N08-0400-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 4 x 12 AWG Power contacts
|
HARWIN INC
|
M80-4C104F1-22-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x Special contact spaces, not supplied with any special contacts
|
HARWIN INC
|
07-01-7101 07-01-7102 |
Connector; No. of Contacts:10; Pitch Spacing:0.175"; No. of Rows:1; Mounting Type:PCB; Gender:Female RoHS Compliant: Yes 10 CONTACT(S), FEMALE, POWER CONNECTOR Commoning Connector Poly 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR
|
Molex, Inc.
|
15-38-8100 15-38-8180 15-38-8070 15-38-8020 15-38- |
Connector Housing; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Receptacle; Series:C-Grid SL; Connector Body Material:Polyester; Contact Termination:Crimp 10 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 18Ckt 18 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 2Ckt 2 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 4Ckt 4 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 12Ckt 12 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 16Ckt 16 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 23Ckt 23 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 30 SAu 25Ckt 25 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 9Ckt 9 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 14Ckt SL FFC/FPC Opt G Female 30 SAu 12Ckt
|
Molex, Inc. MOLEX INC
|
26-03-4030 26-03-3031 26-03-4032 26-03-4221 26-03- |
Connector Housing; Gender:Female; No. of Contacts:3; Series:6442; Body Material:PA Polyamide (Nylon); No. of Rows:1; Pitch Spacing:3.96mm RoHS Compliant: Yes 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 03 Ckt 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Ramp 03 Ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR KK 156 Crimp Housing Ramp 22 Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 20 Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 09 Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 11 Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,16 Contacts,SKT,0.156 Pitch,POLARIZED LCK 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 24 Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; No. of Contacts:24; Series:6442; Body Material:PA Polyamide (Nylon); No. of Rows:1; Pitch Spacing:3.96mm 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 04 Ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,4 Contacts,SKT,0.156 Pitch,POLARIZED LCK 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Ramp 10 Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR KK 156 Crimp Housing Ramp 11 Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Header Connector,Cable Mnt,PLUG,13 Contacts,SKT,0.156 Pitch,POLARIZED LCK 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,18 Contacts,SKT,0.156 Pitch,POLARIZED LCK 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 15 Ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 13 Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 06 Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 07 Ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc. MOLEX INC
|
3005W5SXX99A30X |
D-SUB COMBINATION FEMALE 5W5S WITHOUT CONTACTS
|
CONEC Elektronische Bau...
|
UTL6122G21W5S |
FEMALE PLUG SIZE 12 LAYOUT 8 CONTACTS
|
List of Unclassifed Man...
|
22-55-2321 22-55-2441 22-55-2241 |
Multipole Connector; Number of Contacts:32; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 32 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt A DR NPolar 44Ckt Multipole Connector; Number of Contacts:24; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Crimp; Gender:Female; Series:70450
|
Molex, Inc. MOLEX INC
|
|