PART |
Description |
Maker |
MAX14591 |
Open-Drain Capable Logic-Level Translator
|
Maxim
|
MCP6547 MCP6549 MCP6546 MCP6548 MCP6547-I/MS MCP65 |
The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the sixteen lead The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead PD The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead The MCP6548 is an Open Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... OPEN-DRAIN OUTPUT SUB-MICROAMP COMPARATORS
|
MICROCHIP[Microchip Technology]
|
NVT2008 NVT2010BQ NVT2010PW |
Bidirectional voltage-level translator for open-drain and push-pull applications
|
NXP Semiconductors
|
NVT2004 NVT2006 NVT2004TL NVT2003DP |
Bidirectional voltage-level translator for open-drain and push-pull applications
|
NXP Semiconductors
|
UM3208 |
8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
|
Union Semiconductor, Inc.
|
UM3202 UM3202Q |
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
|
Union Semiconductor, Inc.
|
G3402 |
4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
|
Global Mixed-mode Techn...
|
MC74VHC1GU04DFT2 M74VHC1GU04DFT1G MC74VHC1GT5007 M |
2?Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL?Compatible Inputs SPST (NO) Normally Open Analog Switch Noninverting Buffer / CMOS Logic Level Shifter TTL?Compatible Inputs Single Unbuffered Inverter
|
ONSEMI[ON Semiconductor]
|
74LVC3G07GT 74LVC3G07GD |
Triple buffer with open-drain output 3个有开漏输出的缓冲 Triple buffer with open-drain output LVC/LCX/Z SERIES, TRIPLE 1-INPUT NON-INVERT GATE, PDSO8
|
NXP Semiconductors N.V.
|
BUK9614-55A BUK9514-55A |
Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 160V; Case Size: 35x25 mm; Packaging: Bulk TrenchMOS logic level FET TrenchMOS TM logic level FET TrenchMOS(tm) logic level FET
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PMV60EN PMV60EN-01 |
uTrenchMOS tm enhanced logic level FET N-channel TrenchMOS logic level FET 3M SCOTCHCAST ELECTRICAL RESIN 5 (16 1-LB UNITS = CARTON) RoHS Compliant: Yes UTrenchMOS enhanced logic level FET From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|