PART |
Description |
Maker |
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128F |
3.3V 128K x 32/36 Flow Through Synchronous SRAM 3.3 128K的x 32/36流通过同步SRAM 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 6.5 ns, PQFP100 128K X 32 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATED TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
GVT71128E36B-7 GVT71128E36T-7 |
128K X 36 STANDARD SRAM, 7.5 ns, PBGA119 14 X 22 MM, 2.40 MM HEIGHT, FBGA-119 128K X 36 STANDARD SRAM, 7.5 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100
|
Cypress Semiconductor, Corp.
|
MT5C1009SOJ-35/XT MT5C1009SOJ-35L/XT MT5C1009SOJ-5 |
128K X 8 STANDARD SRAM, 35 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 55 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 70 128K X 8 STANDARD SRAM, 15 ns, CDSO32 128K X 8 STANDARD SRAM, 12 ns, CDIP32 128K X 8 STANDARD SRAM, 55 ns, CQCC32 128K X 8 STANDARD SRAM, CQCC32 128K X 8 STANDARD SRAM, 35 ns, CDFP32 128K X 8 STANDARD SRAM, CDIP32
|
Micross Components Austin Semiconductor, Inc AUSTIN SEMICONDUCTOR INC
|
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
HM628128ALFP-8L HM628128ALT-8L HM628128ALR-8L HM62 |
128K X 8 STANDARD SRAM, 85 ns, PDSO32 0.525 INCH, PLASTIC, SOP-32 128K X 8 STANDARD SRAM, 85 ns, PDSO32 8 X 20 MM, 1.20 MM HEIGHT, TSOP-32 128K X 8 STANDARD SRAM, 85 ns, PDSO32 8 X 20 MM, 1.20 MM HEIGHT, REVERSE, TSOP-32 128K X 8 STANDARD SRAM, 85 ns, PDIP32 0.600 INCH, PLASTIC, DIP-32
|
Hitachi,Ltd.
|
CXK5T81000ATN/AYN-10LLX CXK5T81000ATN/AYN-12LLX CX |
128K X 8 STANDARD SRAM, 120 ns, PDSO32 8 X 13.40 MM, PLASTIC, TSOP-32 128K X 8 STANDARD SRAM, 100 ns, PDSO32 8 X 13.40 MM, PLASTIC, TSOP-32 131072-word x 8-bit High Speed CMOS Static RAM
|
Electronic Theatre Controls, Inc. SONY
|
W24L011AQ-10 W24L011AQ-12 W24L011AQ-15 W24L011AT-1 |
128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 TRANS PNP W/RES 60HFE NEW S TYPE 128K X 8 STANDARD SRAM, 15 ns, PDSO32 Circular Connector; No. of Contacts:4; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-4 RoHS Compliant: No JT 55C 55#22M SKT PLUG HIGH SPEED SRAM
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
AS7C1025B AS7C1025B-20TJIN AS7C1025B-10JC AS7C1025 |
128 x 64 pixel format, LED or EL Backlight available 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C31024 AS7C31024-10 AS7C31024-10TJC AS7C31024-1 |
AML41 Series, Solid State Indicator, Square, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 1 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128K的8 CMOS SRAM的(进化引脚 SWTCH PLUNGR SPDT 15A SCREW TERM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 128K X 8 STANDARD SRAM, 20 ns, PDSO32 AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K8 CMOS SRAM (Evolutionary Pinout)
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ETC
|
AS7C3128K16-12JC AS7C3128K16-12TI AS7C3128K16-12TC |
128K X 16 STANDARD SRAM, 12 ns, PDSO44 0.400 INCH, PLASTIC, SOJ-44 128K X 16 STANDARD SRAM, 12 ns, PDSO44 18.4 X 10.2 MM, TSOP2-44
|
Alliance Semiconductor, Corp.
|
GS71208TP-8T GS71208TP-8 |
8ns 128K x 8 1Mb asynchronous SRAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 0.400 INCH, TSOP2-32
|
GSI Technology, Inc.
|
|