PART |
Description |
Maker |
S1MB-13-F S1AB-13-F S1KB-13-F |
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 50 V, SILICON, SIGNAL DIODE RECTIFIER STANDARD SINGLE 1A 800V 800 30A-ifsm 5uA-ir 1.1V-vf SMB 3K/REEL 1 A, 800 V, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
FR1K-T3 |
1 A, 800 V, SILICON, SIGNAL DIODE, DO-214AA
|
SENSITRON SEMICONDUCTOR
|
M6 |
1 A, 800 V, SILICON, SIGNAL DIODE, DO-214AC
|
SENSITRON SEMICONDUCTOR
|
MUR1100ERLG MUR1100EG MUR180E_06 MUR1100E MUR1100E |
SWITCHMODE Power Rectifiers 1 A, 800 V, SILICON, SIGNAL DIODE
|
ONSEMI[ON Semiconductor]
|
BCW67BCW68 BCW68F Q62702-C1555 Q62702-C1893 BCW68 |
PNP Silicon AF Transistors (For general AF applications High current gain) 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 PNP Silicon AF Transistors (For general AF applications High current gain) 800 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
Siemens Semiconductor G... SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
CS92-2M CS92-2N |
SILICON CONTROLLED RECTIFIER 2.0 AMP, 600 THRU 800 VOLTS 2 A, 800 V, SCR, TO-92
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
BYV26C-TR BYV26B-TR BYV26A-TR BYV26B-TAP BYV26D-TR |
1 A, 600 V, SILICON, SIGNAL DIODE ROHS COMPLIANT, HERMETIC SEALED, GLASS PACKAGE-2 1 A, 400 V, SILICON, SIGNAL DIODE ROHS COMPLIANT, HERMETIC SEALED, GLASS PACKAGE-2 1 A, 200 V, SILICON, SIGNAL DIODE ROHS COMPLIANT, HERMETIC SEALED, GLASS PACKAGE-2 1 A, 800 V, SILICON, SIGNAL DIODE, DO-204AP GLASS PACKAGE-2
|
Vishay Beyschlag
|
JAN1N6809UEG2 JAN1N6807UEG2 JANTX1N6810UEG2 |
DIODE 1 A, 800 V, SILICON, SIGNAL DIODE, DO-214BA, PLASTIC, DO-214BA, 2 PIN, Signal Diode DIODE 1 A, 400 V, SILICON, SIGNAL DIODE, DO-214BA, PLASTIC, DO-214BA, 2 PIN, Signal Diode DIODE 1 A, 1000 V, SILICON, SIGNAL DIODE, PLASTIC, DO-214BA, 2 PIN, Signal Diode
|
Vishay Semiconductors
|
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
|