PART |
Description |
Maker |
TRAPC8M1T15X TRASM3M1T15X |
8 CONTACT(S), POLYETHYLENE, MALE, CIRCULAR CONNECTOR, SOLDER 3 CONTACT(S), POLYETHYLENE, MALE, CIRCULAR CONNECTOR, SURFACE MOUNT
|
SWITCHCRAFT INC
|
MKS4PCM7.51.0/20/50VDCREEL18/360 MKS4PCM37.51.0/20 |
CAPACITOR, METALLIZED FILM, POLYETHYLENE AND TEREPHTHALATE, 50 V, 1 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYETHYLENE AND TEREPHTHALATE, 1000 V, 1 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYETHYLENE AND TEREPHTHALATE, 400 V, 0.33 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYETHYLENE AND TEREPHTHALATE, 63 V, 6.8 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYETHYLENE AND TEREPHTHALATE, 50 V, 10 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYETHYLENE AND TEREPHTHALATE, 400 V, 1 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYETHYLENE AND TEREPHTHALATE, 63 V, 4.7 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYETHYLENE AND TEREPHTHALATE, 63 V, 3.3 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Cree, Inc. HIROSE ELECTRIC Co., Ltd. Vishay Intertechnology, Inc.
|
GPC12.7154K160B31TR24 GPC12.7154K250B31TR24 |
CAPACITOR, METALLIZED FILM, POLYETHYLENE NAPHTHALATE, 160 V, 0.15 uF, SURFACE MOUNT, 5045 CHIP CAPACITOR, METALLIZED FILM, POLYETHYLENE NAPHTHALATE, 250 V, 0.15 uF, SURFACE MOUNT, 5045 CHIP
|
KEMET, Corp.
|
C752007C18-03M |
2 CONTACT(S), POLYETHYLENE, MALE, CIRCULAR CONNECTOR, SOLDER
|
AB CONNECTORS LTD
|
150-003-24-N-1 150-003-24-N-3 150-003-24-Z-1 150-0 |
10 CONTACT(S), POLYETHYLENE POLYURETHANE, MALE, CIRCULAR CONNECTOR, PLUG
|
GLENAIR INC
|
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
87600605000 876006010000 8760060U1000 87600602000 |
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
|
List of Unclassifed Man...
|
UTG1187SHVDEU G1104SH |
7 CONTACT(S), GLASS FILLED POLYETHYLENE, FEMALE, CIRCULAR CONNECTOR, CRIMP, RECEPTACLE 4 CONTACT(S), GLASS FILLED POLYETHYLENE, FEMALE, CIRCULAR CONNECTOR, CRIMP, RECEPTACLE
|
SOURIAU INC
|
9272006U1000 9272006100 9272006U500 |
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
|
List of Unclassifed Man...
|
9842 984206010000 |
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
|
List of Unclassifed Man...
|
SD-45985-400 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 4 Power Contacts, 12 Signal Contacts
|
Molex Electronics Ltd.
|
45985-8331 SD-45985-800 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 8 Power Contacts, 20 Signal Contacts
|
Molex Electronics Ltd.
|
|