PART |
Description |
Maker |
LTC3411 LTC3411EMS LTC3411EDD |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO10 1.25A/ 4MHz/ Synchronous Step-Down DC/DC Converter 4MHz, 1.25A Synchronous Step-Down DC/DC Converter 1.25A 4MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology, Corp. LINER[Linear Technology]
|
MB3883PV MB3883PFV MB3883 |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
SC2441ATETRT SC2441AEVB SC2441A |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
FAN5602MP33X FAN5602MP45X FAN5602MP5X |
Regulated Step-Up/Step-Down Charge Pump DC/DC Converter
|
Fairchild Semiconductor
|
AN8011S |
2-channel step-down, step-up, or inverting use DC-DC converter control IC
|
Panasonic Semiconductor
|
SPI-8001TW SPI-8001TW-TL |
SPI-8001TW Dual 1.5 A, DC/DC Step-Down Converter Dual 1.5 A, DC/DC step-down converter.
|
Allegro MicroSystems
|
RT9261B RT9216B RT9261B-45CX RT9261B31CX RT9261B32 |
VFM STEP UP DC/DC CONVERTER 衡工量值式升压型DC / DC变换 VFM STEP UP DC/DC CONVERTER 衡工量值式升压DC / DC变换 VFM Step-up DC/DC Converter
|
Electronic Theatre Controls, Inc. N.A. ETC Richtek Technology Corporation http:// Richtek Technology Corp...
|
AZ34063A AZ34063AP-E1 AZ34063AM AZ34063AM-E1 AZ340 |
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1.5A的STEP-DOWN/STEP-UP/INVERTING DC - DC变换
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
EV2104DJ-00A CMD4D06-100 MP2104DJ-1.8 MP2104DJ-1.5 |
1.7MHz, 600mA Synchronous Step-Down Converter 1.4 A SWITCHING REGULATOR, 2080 kHz SWITCHING FREQ-MAX, PDSO5 1.7MHz, 600mA Synchronous Step-Down Converter .7MHz00mA的同步降压转换器
|
Monolithic Power Systems, Inc.
|
AIC1628 AIC1628CN AIC1628CS |
3-Cell, High-Efficiency, Step-Up DC/DC Converter 3节电池,高效率,升压型DC / DC转换 3-Cell/ High-Efficiency/ Step-Up DC/DC Converter
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
BM2596 MSP1250 |
Power Converter 150kHz 3A Step-down Voltage Regulator DC-DC converter
|
List of Unclassifed Manufacturers ETC[ETC] Bookly
|