PART |
Description |
Maker |
MDC-1.2 MDC-10 MDC-20 MDC-5 MDC-2.5 |
Dry-Type Multiple-Disk EM Clutch
|
List of Unclassifed Man...
|
ST47-60T1MIE3 ST560-25T2KI ST32ETA503 ST15-100T1KI |
ST SuperTan® Wet Tantalum Capacitors with Hermetic Seal Cap Tant Wet 560uF 25V 10% (7.92 X 17.88mm) Axial 0.83 Ohm 125C Bulk Res Cermet Trimmer 50K Ohm 20% 1/8W 1(Elec)/1(Mech)Turn 1.9mm (3.4 X 3.5 X 2mm) J-Hook SMD T/R CAP 15UF 100VDC 20% 5.56 X 13.08MM AXL - Bulk SCR PHASE CONT 600V 280A TO-93 Cap Tant Wet 10uF 125V 10% (4.78 X 11.51mm) Axial 5.5 Ohm 125C Bulk CAP 10UF 125VDC 20% 4.78 X 11.51MM AXL - Bulk CAP WET TANT 1200UF±20%V CAP 330UF 75VDC 20% 10.31 X 21.03MM AXL - Bulk CAP 33UF 75VDC 10% 4.78 X 11.51MM AXL - Bulk CAP 150UF 60VDC 10% 7.92 X 17.88MM AXL - Bulk Cap Tant Wet 220uF 100V 20% (10.31 X 28.6mm) Axial 1.2 Ohm 125C Bulk
|
Vishay Sprague Vishay Semiconductors
|
STE STE600016T4KI STE600016T4KX STE600016T4MI STE6 |
SuperTan? Extended (STE) Capacitors Wet Tantalum with Hermetic Seal SuperTan庐 Extended (STE) Capacitors Wet Tantalum with Hermetic Seal SuperTan㈢ Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
|
Vishay Siliconix
|
EMC1438-2-AP-TR EMC1438-1-AP-TR |
1°C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
|
SMSC Corporation
|
CS70-B2GA151KYGSA CS70-B2GA151KYVSA CS90-E2GA152MY |
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
|
TDK Electronics
|
LA0225CV ENA1263 |
PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
|
Sanyo Semicon Device
|
0473001000 47300-1000 |
1.00mm(.039), 1.27mm (.050) Pitch Slimline Serial ATA Plug for Optical Disk Drive with Standard Type Screw MOLEX Connector
|
Molex Electronics Ltd.
|
9741666643 9741686025 9741681004 |
Supports Standard 2.5 Hard Disk Drive Supports SATA Interface Hard Disk (Without DVD Driver) Provides 10°C~20°C Extra Cooling For Any AEC-6811/ 6821/6831/ 6841 BOXER Series System
|
AAEON Technology
|
138D187X0008C2 138D687X0008F2 138D365X0125C2 138D8 |
Wet Tantalum Capacitors Sintered Anode TANTALEX? Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal Wet Tantalum Capacitors Sintered Anode TANTALEX庐 Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal Wet Tantalum Capacitors Sintered Anode TANTALEX垄莽 Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal Wet Tantalum Capacitors Sintered Anode TANTALEX㈢ Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
|
Vishay Siliconix
|
M76DW63000A70Z |
64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 8Mbit/4Mbit SRAM, 3V Supply, Multiple Memory Product
|
ST Microelectronics
|
M72DW64000B90ZT M72DW64000B M72DW64000B70ZT M72DW6 |
64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 16Mbit Pseudo SRAM, 3V Supply, Multiple Memory Product
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
35965-0200 0359650200 |
1.78mm (.070") Tab Multiple Wire-to-Wire Female Housing, 2 Circuits, Vertical, A-Type 1.78mm (.070) Tab Multiple Wire-to-Wire Female Housing, 2 Circuits, Vertical, A-Type
|
Molex Electronics Ltd.
|