Part Number Hot Search : 
3KP12CA E561UAP SP8910 TT150N TA8473F 332J100 100BG MTRPB
Product Description
Full Text Search
  clutch Datasheet PDF File

For clutch Found Datasheets File :: 114    Search Time::1.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 |   

    OPC-10 OPC-20 OPC-5

List of Unclassifed Manufacturers
List of Unclassifed Manufac...
Part No. OPC-10 OPC-20 OPC-5
OCR Text ...attage [w] em magnetic particle clutch types: 5, 10, 20 0.75 32 5 4.4 / 0.5 50 10 8.9 / 1 20 opc rated torque [in-lbs / n-m] coil (20c) time constant [ms] opc input output d h7 t a 1h8 a 2 b c h7 e f g h l m n p q r s t u y [ 1" = 25.4mm ] ...
Description EM Magnetic Particle clutch

File Size 99.11K  /  1 Page

View it Online

Download Datasheet





    D38999-26WC4SN D38999-26WB2SN

Amphenol Corporation
Part No. D38999-26WC4SN D38999-26WB2SN
OCR Text ...ss steel/firewall ? composite ? clutch-lok ? high vibration amphenol tri-start subminiature cylindrical connectors ? tm table of contents page no. series iii - the highest performance mil-dtl-38999 connector ...................... 1 tr...
Description Amphenol Tri-Start Subminiature Cylindrical Connectors

File Size 1,140.89K  /  53 Page

View it Online

Download Datasheet

    D38999-20KC35PN D38999-20WA35PN D38999-24FE6PN D38999-24KA98SN D38999-24WC98PN D38999-26MF35SN 10-552682-11G 21-33388-31

Amphenol Corporation
Part No. D38999-20KC35PN D38999-20WA35PN D38999-24FE6PN D38999-24KA98SN D38999-24WC98PN D38999-26MF35SN 10-552682-11G 21-33388-31 21-33388-21 D3899920WC35PN 10-553970-199 D38999-20KD19PN TVPS02Y MIL-DTL-38999 10-552944-159 LP-597808-355
OCR Text ...ss steel/firewall ? composite ? clutch-lok ? high vibration amphenol tri-start subminiature cylindrical connectors ? tm table of contents page no. series iii - the highest performance mil-dtl-38999 connector ...................... 1 tri...
Description Amphenol Tri-Start Subminiature Cylindrical Connectors

File Size 1,159.21K  /  54 Page

View it Online

Download Datasheet

    Amphenol
Part No. M39029/4-110
OCR Text ...raight plug with a self-locking clutch plate ? ms and proprietary versions available ? alternate positioning available ? intermateable with most mil-c-26500 threaded coupling connectors ? aluminum shells with black anodized, cadmium or elec...
Description Connectors

File Size 1,573.39K  /  23 Page

View it Online

Download Datasheet

    Amphenol, Corp.
AMPHENOL CORP
Part No. TV06RW19-88SCS15 TV07RW19-88SCS25 TV07RW19-88SCS1 TVP00RW19-88SCS15 TV07RW19-88SCS15 TV06RW19-88SCS2 TVP00RW19-88SCS25 TVP00RW9-9SBS1 TVP00RW25-187PCP1 TVP00RW25-187PEP2 TVP00RW25-187PDP1 TVP00RW23-151SCS15 TV07RW15-55SCS15
OCR Text ...ck panel mounted receptacle mtv clutch-lok connector with ms stamping (note: remove dashes in how to order part number when ordering clutch-lok) ctv composite mil-dtl-38999 series iii connector ctvp panel mounted composite receptacle de...
Description 88 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG
88 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE
9 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE
187 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE
151 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE
55 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE

File Size 2,026.28K  /  8 Page

View it Online

Download Datasheet

    FW870

ETC
Part No. FW870
OCR Text ... to the 1st roll feed Roll Feed clutch 1 roller. Transmits the roll feed motor drive to the 2nd roll feed Roll Feed clutch 2 roller. Transmits the roll feed motor drive to the 2nd roll feed Roll Feed clutch 3 roller. Transmits the main moto...
Description Manual

File Size 2,971.07K  /  206 Page

View it Online

Download Datasheet

    Siemens
Part No. 6DR5AXB
OCR Text ..., to a shifting of the friction clutch. for such cases the position controller equipped with a fixing device for the slip clutch with which adjustment due to the above mentioned influences can be prevented. the setting possibility is access...
Description Sipart PS2

File Size 3,057.04K  /  70 Page

View it Online

Download Datasheet

    H2C-8 H2C H2C-R H2C-8R

Omron Electronics LLC
Part No. H2C-8 H2C H2C-R H2C-8R
OCR Text ... Separate motor a d c utc and clutch connection i 8-pin round socket 11-pin round socket Front screw 8-pin round socket 11-pin round socket Front screw SPDT SPDT H2C-8 (with Y92F-30 adapter) H2C (with Y92F-30 adapter) --H2C-8R...
Description Motor Timer

File Size 548.85K  /  8 Page

View it Online

Download Datasheet

    RJC26W100K RJC26W100M RJC26W101K RJC26W101M RJC26W102K RJC26W102M RJC26W105K RJC26W105M RJC26X100K RJC26X100M RJC26X101K

TOCOSAMERICA, INC.
Part No. RJC26W100K RJC26W100M RJC26W101K RJC26W101M RJC26W102K RJC26W102M RJC26W105K RJC26W105M RJC26X100K RJC26X100M RJC26X101K RJC26X101M RJC26X102K RJC26X102M RJC26X105K RJC26X105M RJC26
OCR Text ...e-art brush contact design Stop-clutch action at ends of element Top and side adjust models Meets UL 94V-0 flammability requirements Sealed to withstand wave soldering and immersion cleaning Specifications Electrical Standard Resistanc...
Description 1/4隆卤 Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
1/4?/a> Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
1/4 Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers

File Size 157.22K  /  3 Page

View it Online

Download Datasheet

    CA3228E CA3228

Intersil Corporation
Harris Corporation
Part No. CA3228E CA3228
OCR Text ...ODE YES BRAKE? NO YES YES clutch DISABLE? NO YES OFF > 40ms? BRAKE NO NO clutch DISABLE? YES 10-34 CA3228 V3ON ON R3, 2.2K RESUME R4,680 SET/ACCEL R5, 120 COAST OFF MOMENTARY CONTACT DRIVER COMMAND SWITCHES S1 S2 ...
Description Speed Control System with Memory

File Size 112.49K  /  9 Page

View it Online

Download Datasheet

For clutch Found Datasheets File :: 114    Search Time::1.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of clutch

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6187648773193