PART |
Description |
Maker |
CMA4825P-10 CMA4850 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:50A; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|
SN-24D01HZ-CRT SN-12D01-F SN-5A01-FT |
TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
FUJITSU Component., Ltd. FUJITSU COMPONENT LTD
|
AQR10A1-S-Z4/6VDC AQR15A1-S-Z4/6VDC AQR10A1-Z18/28 |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX ROHS COMPLIANT PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX ROHS COMPLIANT PACKAGE-4
|
HIROSE ELECTRIC Co., Ltd.
|
4A1210F-10 4A1210EH-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
H12D4825P-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
P111-B253-S001 P111-B253-S301 |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Vishay Intertechnology, Inc. ITT, Corp.
|
TD2425B-14 TD2425-14 TD2425A-13 TD2425B-13 TD2425A |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
D2N103LE D2N202LE24 |
3 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
MP240D4-MS11 |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc.
|
MCST2450EM |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc.
|
10CPV120 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-8
|
Crydom, Inc.
|
NTD2425E NTD2425E-10 NTD2410E-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|