PART |
Description |
Maker |
SF2004GD SF2005G SF2005GD SF2005GA SF2001G SF2006G |
(SF2001GD - SF2008GD) 20.0 Ampere Dual Unipolar-Doubler Polarity Superfast Recovery Diode (SF2001G - SF2008G) 20.0 Ampere Dual Unipolar-Doubler Polarity Superfast Recovery Diode (SF2001GA - SF2008GA) 20.0 Ampere Dual Unipolar-Doubler Polarity Superfast Recovery Diode
|
Thinki Semiconductor
|
ISL62882IRTZ-T |
Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs; Temperature Range: -40°C to 85°C; Package: 40-TQFN T&R SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil, Corp.
|
ISL6312CRZ-TK |
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R
|
INTERSIL CORP
|
NCP1422MNR2 |
800 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer
|
ON SEMICONDUCTOR
|
EDI8F3265C20MZC EDI8F3265C20MMC |
High Speed, Dual Channel Power MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
TE Connectivity, Ltd.
|
EL7900ILCZ-EVALZ EL7900ILCZ-T13 |
Ambient Light Photo Detect IC; Temperature Range: -40°C to 85°C; Package: 5-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO5
|
Intersil, Corp. Intersil Corporation
|
PA10A |
Linear Op-Amp, 90V, 5A "Select" Grade RoHS Compliant: Yes OP-AMP, 4000 uV OFFSET-MAX, 4 MHz BAND WIDTH, CBFM8
|
Cirrus Logic, Inc.
|
HI5714_4CBZ HI5714_7CB-T HI5714_7CBZ-T HI571404 HI |
8-Bit, 40/60/75/80 MSPS A/D Converter; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R 1-CH 8-BIT RESISTANCE LADDER ADC, PARALLEL ACCESS, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ICL766005 ICL7660CBAZ ICL7660CBAZA ICL7660CPAZ ICL |
CMOS Voltage Converters; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R SWITCHED CAPACITOR CONVERTER, 10 kHz SWITCHING FREQ-MAX, PDSO8 Simple Conversion of 5V Logic Supply to ±5V Supplies
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
NCP1423DMR2G |
400 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer 1.2 A SWITCHING REGULATOR, 600 kHz SWITCHING FREQ-MAX, PDSO10
|
ON Semiconductor
|
ISL29010 ISL29010IROZ-EVALZ ISL29010IROZ-T7 |
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|
EDI8F32256C EDI8F32256C-MN EDI8G32256C-MM |
256Kx32 Static RAM CMOS, High Speed Module(256Kx32高速CMOS静态RAM模块) SRAM Modules TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SRAM模块
|
White Electronic Designs Corporation 3M Company
|