PART |
Description |
Maker |
MAX4896ATP |
Space-Saving, 8-Channel Relay/Load Driver SPECIALTY INTERFACE CIRCUIT, QCC20
|
Maxim Integrated Products, Inc.
|
G3DZ-F4B G6D-F4B |
Easy-to-use, Space-saving Terminal Relay with Four-point Output 易于使用,节省空间与终端继电点输 Easy-to-use, Space-saving Terminal Relay with Four-point Output 易于使用,节省空间与终端继电4点输
|
Omron Electronics, LLC
|
9ZXL1251 |
Space-saving 64-pin VFQFPN package
|
Integrated Device Techn...
|
RTR025N03 |
Space saving?small surface mount package (TSMT3).
|
TY Semiconductor Co., Ltd
|
G3DZ-F4B G6D-F4B |
Easy-to-use, Space-saving Terminal Relay with Four-point Output
|
OMRON[Omron Electronics LLC]
|
TC1300 TC1300VUA TC1300R-3.3VUA TC1300R-3.3VUATR T |
The TC1300 combines a Low Dropout Regulator and a Microprocessor Reset Monitor in a space-saving 8-Pin MSOP package. Total supply current is 80A (typical), 20 to 60 times lower than in bipolar regulators. The TC1300 has an extremely preci The TC1300 combines a Low Dropout Regulator and a Microprocessor Reset Monitor in a space-saving 8-Pin MSOP package. Total supply ... 300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
|
MICROCHIP[Microchip Technology]
|
AXT610224 AXT614124 AXT616124 AXT624124 AXT628124 |
Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise) Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
|
Panasonic Semiconductor
|
TC1305 TC1305R-DVUN |
The TC1305 combines two CMOS Low Dropout Regulators and a Microprocessor Monitor in a space-saving 10-Pin MSOP package. Designed specifically for battery-operated systems, the device’s CMOS construction eliminates wasted ground curre Dual 150mA CMOS LDO With Select Mode⑩ Operation, Shutdown and Independent RESET Output Dual 150mA CMOS LDO With Select Mode Operation, Shutdown and Independent RESET Output The TC1305 combines two CMOS Low Dropout Regulators and a Microprocessor Monitor in a space-saving 10-Pin MSOP package. Designed ...
|
MICROCHIP[Microchip Technology]
|
K24C64-DCTG-A K24C64-DCTG-S K24C32-S-CTG-A K24C32- |
available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
|
Estek Electronics Co. L... Estek Electronics Co. Ltd
|
51338-0474 0513380474 |
0.40mm (.016) Pitch Board-to-Board SlimStack?/a> Receptacle, Surface Mount, DualRow, Vertical Stacking, 1.50mm (.059) Stacking Height, with Space Saving J-BendLeads, 40 Circuits, Lead-free 0.40mm (.016) Pitch Board-to-Board SlimStack Receptacle, Surface Mount, DualRow, Vertical Stacking, 1.50mm (.059) Stacking Height, with Space Saving J-BendLeads, 40 Circuits, Lead-free
|
Molex Electronics Ltd.
|
51338-0974 0513380974 |
0.40mm (.016) Pitch Board-to-Board SlimStack?/a> Receptacle, Surface Mount, DualRow, Vertical Stacking, 1.50mm (.059) Stacking Height, with Space Saving J-BendLeads, 90 Circuits, Lead-free 0.40mm (.016) Pitch Board-to-Board SlimStack Receptacle, Surface Mount, DualRow, Vertical Stacking, 1.50mm (.059) Stacking Height, with Space Saving J-BendLeads, 90 Circuits, Lead-free
|
Molex Electronics Ltd.
|