PART |
Description |
Maker |
HV600S20 |
400mA 20kV HIGH VOLTAGE DIODES
|
getedz electronics
|
HV500F15 |
15kV 400mA HIGH VOLTAGE DIODE
|
getedz electronics
|
MAX1921 MAX1921EUT-T MAX1920EUT-T MAX1920 MAX1921E |
3.3 V, Low-voltage, 400 mA step-down DC-DC converter Low-Voltage / 400mA Step-Down DC-DC Converters in SOT23 Low-Voltage 400mA Step-Down DC-DC Converters in SOT23 " Low-Voltage, 400mA Step- Down DC-DC Converters in SOT23" Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23 SMPS Controller
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
COM117HVT |
Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTA G E COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
|
International Rectifier ETC N.A. List of Unclassifed Manufacturers
|
B29150 B29150J B29150S B29150T B29151/2/3J B29151/ |
5V dual 1.5A high current low dropout voltage regulator 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A的高电流低压差稳压器可调 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 12V dual 1.5A high current low dropout voltage regulator Adjustable dual 1.5A high current low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC BayLinear
|
LM337D2T LM337BT LM337_D LM337 LM337BD2T ON0312 LM |
AML21 Series, Electronic Control Pushbutton, Square, Standard Bezel, Unlighted, SPDT, Momentary Action, Snap in panel mount From old datasheet system THREE-ERMINAL ADJUSTABLE POSITIVE THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR Three-Terminal Adjustable Output Negative Voltage Regulator
|
ONSEMI[ON Semiconductor] http://
|
MAX16835 MAX16835ATE |
High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
|
Maxim Integrated Products
|
ISL6406 |
PWM, Single, Low Voltage, High Efficiency, Adjustable Output Voltage Min 0.8V, Input = 3.3V or 5V, Synchronizable. Available in Pb(Lead)-free, TSSOP (ISL6406IVZ, IVZ-T)
|
Intersil
|
SP431AT92AGB SP431AS23RGB SP431AS89RGB SP431BS23RG |
High Voltage Adjustable Precision Shunt Regulators
|
SYNC POWER Crop.
|
LM317 |
HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
E-Tech Electronics LTD
|
SP431A SP431B SP431BT92AG SP431 SP431AT92AG |
High Voltage Adjustable Precision Shunt Regulators
|
SYNC-POWER[SYNC POWER Crop.]
|
OM7612ST |
1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
|
List of Unclassifed Manufacturers ETC[ETC]
|