PART |
Description |
Maker |
5962R9858301VXA UT80CRH196KD-WCA UT80CRH196KD-WCC |
16-bit microcontroller: SMD. Lead finish solder. Class V. 20MHz. Total dose 1E5rads(Si0. Microcontroller. Lead finish solder. Microcontroller. Lead finish gold. Microcontroller. Lead finish optional. Microcontroller. Lead finish gold. Prototype.
|
Aeroflex Circuit Technology
|
SS13E SS15E |
Lead Free Finish/Rohs Compliant (Note1) (PSuffix designates Compliant. See ordering information) 1 Amp Schottky Rectifier 20 to 100 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
V82ZA05P V715ZA05P V33ZA70P V750ZA05P V33ZA05P V68 |
Lead?free, Halogen-Free and RoHS Radial Lead Varistors ZA Series Lead?free, Halogen-Free and RoHS
|
Littelfuse
|
CD216AXXX CD216A-B130L CD216A-B120LLF CD216A-B140R |
MITE Chip Diode Lead free versions available, RoHS compliant (lead free version), Low profile, Surface mount, Very low forward voltage drop
|
ETC Electronic Theatre Controls, Inc.
|
K4B2G1646C-HCF8000 |
2Gb C-die DDR3 SDRAM Only x16 96FBGA with Lead-Free & Halogen-Free (RoHS compliant)
|
Samsung semiconductor
|
UTI760A UT1553BRTSGA UT1553BRTSGC UT1553BRTSGX 596 |
Remote terminal for stores: S. Class QML Q. Lead finish optional. UTI760A RTS Remote Terminal for Stores Remote terminal for stores. Lead finish solder. Remote terminal for stores. Lead finish gold. Remote terminal for stores. Lead finish optional.
|
ETC[ETC] Aeroflex Circuit Technology
|
UT80C196 UT80C196KD-WCA UT80C196KD-WCC UT80C196KD- |
16-bit microcontroller. Lead finish optional. 16-bit microcontroller. Lead finish gold. 16-bit microcontroller. Lead finish solder. UT80C196KD Microcontroller
|
Aeroflex Circuit Technology
|
LAL296 LOL296-P2R1-24 LAL296-P2R1-1 LAL296-Q2R2-1 |
SmartLED0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant SmartLED??0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
|
Osram Opto Semiconductors GmbH
|
UT80C196KDS-WCA UT80C196KDS-WCC UT80C196KDS-WCX UT |
16-bit microcontroller. Lead finish solder. 16-bit microcontroller. Lead finish gold. 16-bit microcontroller. Lead finish optional.
|
Aeroflex Circuit Technology
|
LBL29G-P2R1-35-1 LBL29G |
SmartLED? 0603 Enhanced Optical Power LED (ThinGaN?) Lead (Pb) Free Product - RoHS Compliant SmartLED㈢ 0603 Enhanced Optical Power LED (ThinGaN㈢) Lead (Pb) Free Product - RoHS Compliant
|
OSRAM GmbH
|
1418E-3-12 1418E-113-12 1418G-00-12 1411B-5-12 141 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
Ecliptek, Corp. Cinch Connectors WINCHESTER ELECTRONICS CORP
|
AI-2429-TWT-R |
REMOVED LEAD FREE ADDED RoHS
|
Projects Unlimited, Inc.
|