PART |
Description |
Maker |
IDT72V2103L10PF IDT72V2113L10PFI IDT72V2113L7-5BCI |
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 10 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 6.5 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 3.3伏高密度SUPERSYNC二窄总线先进先出 Octal bus transceiver/register (3-State) - Description: Transceiver/Register (3-State) ; Fmax: 350 MHz; Logic switching levels: TTL ; Number of pins: 24 ; Output drive capability: -32/ 64 mA ; Propagation delay: 4.4 ns; Voltage: 4.5-5.5 V
|
Integrated Device Technology, Inc.
|
IDT72291 IDT72281 IDT72291L15TF IDT72291L15TFI IDT |
CMOS SuperSync FIFO?
|
IDT[Integrated Device Technology]
|
IDT72V3680L15PF8 IDT72V3680L10PF IDT72V3680L6BB8 I |
16K x 36 SuperSync II FIFO, 3.3V 1K x 36 SuperSync II FIFO, 3.3V 8K x 36 SuperSync II FIFO, 3.3V
|
IDT
|
72V285L10PFG 72V285L10PFGI 72V285L10PFGI8 72V285L1 |
3.3 VOLT CMOS SuperSync FIFO
|
Integrated Device Techn...
|
IDT72V273L6PF IDT72V243 IDT72V223 IDT72V253 IDT72V |
3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO 2K X 18 OTHER FIFO, 6.5 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO 4K X 18 OTHER FIFO, 10 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO 3.3伏高密度SUPERSYNC窄总线先进先出 RECEPTACLE, EMI, BACKSHELL, 360DEG; Gender:Receptacle; Ways, No. of:1; Series:RJF TV RoHS Compliant: No PLUG ASSEMBLY, 360DEG, EMI, BACKSHELL; Gender:Plug; Ways, No. of:1; Series:RJF TV RoHS Compliant: No
|
Integrated Device Technology, Inc. Integrated Device Technolog... Integrated Device Techn...
|
IDT72285L20PFI IDT72285L20PF8 |
64K x 18 SuperSync FIFO, 5.0V
|
IDT
|
IDT72V36110 |
3.3 VOLT HIGH-DENSITY SUPERSYNC II? 36-BIT FIFO
|
IDT
|
IDT72V36110L6PF IDT72V36110L6PFI IDT72V36110L10BB |
3.3 VOLT HIGH-DENSITY SUPERSYNC II⑩ 36-BIT FIFO
|
IDT[Integrated Device Technology]
|
IDT72V283 72V223-72V293_DS IDT72V263 |
3.3 VOLT HIGH-DENSITY SUPERSYNC II? NARROW BUS FIFO From old datasheet system
|
IDT
|
CD40105BMS FN3353 CD40105 CD40105BFMSR |
16 X 4 OTHER FIFO, CDIP16 From old datasheet system CMOS FIFO Register FIFO Register, 4-Bitsx16-Words, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
IDT7202 IDT72021 IDT72021L25D IDT72021L25DB IDT720 |
CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9 / 2K x 9 / 4K x 9 CLIP HOLD-DOWN FOR SP/DP MK SER CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9 异步FIFO的CMOS带重传每1000 × 9K × 9K的9 CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9 4K X 9 OTHER FIFO, 35 ns, PQCC32 CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
|