PART |
Description |
Maker |
LMF |
Conductive Plastic Motion Transducer Elements, Reduced Bulk, Designed for Easy Integration, High Accuracy, Long Life, Simple and Flexible Mounting, Essentially Infinite Resolution
|
Vishay
|
LM2575-ADJ LM2575 LM2575-5 LM2575-12 LM2575-3.3 LM |
From old datasheet system 1.0 A STEP-OWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE⑩ 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE⒙ 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
LM2576T-ADJ LM2576TV-AJD LM2576TV-5 LM2576T-5 LM25 |
Easy switcher 1.0 A step-down voltage regulator EASY SWITCHERE 3.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
PIC16F873T-10E/SO PIC16F873T-20/SO PIC16F873T-20I/ |
A newer device is available. Please consider PIC16F873A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16F877A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16F874A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16F876A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... 8-bit CMOS FLASH microcontroller
|
Microchip
|
LM2575-5TV LM2575-15TV LM2575-12TV LM2575-3.3T LM2 |
Easy Switcher 1.0 A Step-Down Voltage Regulator(389.50 k) 轻松切换1.0降压稳压器(389.50十一 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
RCD Components, Inc. Motorola Inc
|
A12106PHCW A644PHC A644PHCW A10106PHC A10106PHCW A |
Mounting brackets required to meet UL/CSA external mounting requirements.
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
G6K G6KU-2P-Y G6K-2F-Y G6K-2G G6K-2G-Y G6K-2P G6K- |
Surface Mounting Relay with the World’s Smallest Mounting Area and a Height of Only 5.2 mm 表面安装继电器与世界上最小的安装面积的仅.2 mm高度
|
Omron Electronics, LLC OMRON[Omron Electronics LLC]
|
KTD2017 |
Low ON resistance 2.5V drive Mounting height 1.1mm Composite type, facilitating high-density mounting.
|
TY Semiconductor Co., Ltd
|
0707170 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.0 mm, no. of positions: 10, mounting: Direct mounting - DFK-MSTB 2,5/10-G
|
Phoenix Contact
|
4R4F46000 |
Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male with Back Mounting
|
Molex Electronics Ltd.
|
142-205-20 144-205-20 148-205-20 150-205-20 145-21 |
T-3/4 SINGLE COLOR LED ARRAY, RED, 2 mm PCB MOUNTING LEDs - ? 2mm PCB MOUNTING LEDs - ? 2mm PCB MOUNTING LEDs - 篓陋 2mm
|
MARL INTERNATIONAL LTD Marl International Limited
|