PART |
Description |
Maker |
0460.375UR 0460.500ER 0460.750ER 0460.750UR 046000 |
Surface Mount Fuses PICO? SMF Fuse > 460 Series Surface Mount Fuses PICO SMF Fuse > 460 Series 460 Series PICO? Slo-Blo? Surface Mount Fuse The 460 Series Slo-Blo? SMF is based on Littelfuse PICO? fuse through-hole technology, though offered in a surface mount package.
|
Littelfuse
|
5.0SMDJ30A 5.0SMDJ100A 5.0SMDJ14A 5.0SMDJ60A 5.0SM |
The 5.0SMDJ series is designed specifically to protect sensitive electronic Transient Voltage Suppression Diodes Surface Mount ?5000W > 5.0SMDJ series Transient Voltage Suppression Diodes Surface Mount ?5000W > 5.0SMDJ series
|
Littelfuse
|
RMF50R-4R7-J |
SURFACE MOUNT RMF Series: Fusible Thick Film Surface Mount RESISTORS
|
RFE international
|
0440007.WR 0440.250WR 0440.500WR 0440.750WR 044000 |
Surface Mount Fuses Ceramic Fuse > 440 Series ELECTRIC FUSE, 1A, 50VAC, 50VDC, 50A (IR), SURFACE MOUNT
|
Littelfuse
|
PM3604-50 PM3602-33 PM3604-10 |
Inductor; Series:PM3600; Inductance:50uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 1.28, Series 0.64A; DC Resistance Max, Parallel:0.12ohm 2 ELEMENT, 50 uH, COMMON MODE CHOKE, SMD Inductor; Series:PM3600; Inductance:33uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 0.98, Series 0.49A; DC Resistance Max, Parallel:0.14ohm 2 ELEMENT, 33 uH, COMMON MODE CHOKE, SMD Inductor; Series:PM3600; Inductance:10uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 2.70, Series 1.35A; DC Resistance Max, Parallel:0.028ohm 2 ELEMENT, 10 uH, COMMON MODE CHOKE, SMD
|
Bourns, Inc. BOURNS INC
|
MAMX-009239-001500 |
E-Series Surface Mount Mixer
|
M/A-COM Technology Solutions, Inc.
|
JRC0118 JEGC0118 JOC0118 JRGC0118 JYOC0118 JGC0118 |
J Series Surface Mount LEDs
|
IDEA.lnc.
|
MAMX-009646-23DBML MAMX-009646-23DBMLV2 |
E-Series Surface Mount Mixer
|
M/A-COM Technology Solutions, Inc.
|
MAMX-008782-ES0118V3 MAMX-008782-ES0118-15 |
E-Series Surface Mount Mixer
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
F0603FF0500V032T F0402FA0750V024T F0402FA1500V024T |
1206 High Current Rating Fast Acting Surface Mount Fuses 0603 Fast Acting Surface Mount Fuses HA Series of Surface Mount Multilayer Varistors 1206 Fast Acting Surface Mount Fuses 0603 Very Fast Acting Surface Mount Fuses 0402 Fast Acting Surface Mount Fuses 1206 High Inrush Current Surface Mount Fuses 1206 Slow Blow Surface Mount Fuses
|
AEM
|