PART |
Description |
Maker |
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
BL8534 |
High Efficiency Low Noise PFM Step-up DC/DC Converter
|
SHANGHAI BELLING CO., LTD. SHANGHAI BELLING CO., L...
|
LTC1539IGWTR LTC1538CG-AUXPBF LTC1538CG-AUXTR |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators Dual High Efficiency,Low Noise, Synchronous Step-Down Switching Regulators
|
Linear Technology
|
BD8961NV |
Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
KB3511 KB3511A KB3511B |
High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
|
Kingbor Technology Co
|
5962R9668102VJC 5962R9668101VJC 5962R9668101VXC 59 |
5V Fixed/Adjustable Output, Step-Up Switching Regulators 4-To-16-Line Demultiplexer 46线复用器 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 双通道高效率,低噪声,同步降压型开关稳压器
|
Intersil, Corp. 3M Company
|
LTC1538IG-AUX LTC1538CG-AUX LTC1538-AUXIG LTC1538- |
Advanced LinEPIC Self-Calibrating (Self-Cal) Precision Single Operational Amplifier 8-SOIC Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO28 ER 1C 1#4 SKT PLUG 双通道高效率,低噪声,同步降压型开关稳压器 DIODE ZENER SINGLE 1000mW 15Vz 50mA-Izt 0.05 1uA-Ir 11 PowerDI-123 3K/REEL 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO28 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 双通道高效率,低噪声,同步降压型开关稳压器
|
Linear Technology Corporation Linear Technology, Corp.
|
UM1661-16 |
High Efficiency Low Noise PFM Step-Up DC/DC Converter
|
Union Semiconductor, In...
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|