PART |
Description |
Maker |
F0603FF0500V032T F0402FA0750V024T F0402FA1500V024T |
1206 High Current Rating Fast Acting Surface Mount Fuses 0603 Fast Acting Surface Mount Fuses HA Series of Surface Mount Multilayer Varistors 1206 Fast Acting Surface Mount Fuses 0603 Very Fast Acting Surface Mount Fuses 0402 Fast Acting Surface Mount Fuses 1206 High Inrush Current Surface Mount Fuses 1206 Slow Blow Surface Mount Fuses
|
AEM
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
3414.0114.11 3414.0124.22 |
SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT FUSE, SMD, USF0402, 5A; Current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; Current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; Fuse RoHS Compliant: Yes
|
SCHURTER INC
|
5500.2058 |
Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 3A; Leakage Current Rating: 0.5 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER
|
SCHURTER AG
|
KSM-955TE4Y KSM-951TE4Y KSM-952TE4Y KSM-953TE4Y KS |
Multipole, Connector, Voltage Rating AC 150 Volt, Current Rating 5 Ampere Optic receiver module
|
KODENSHI CORP. KODENSHI[KODENSHI KOREA CORP.] Kondenshi Corp
|
SRU1038-3R5Y |
Power Inductor; Inductor Type:Power; Inductance:3.5uH; Inductance Tolerance: 30 %; Current Rating:5.5A; Series:SRU1038; Package/Case:1038; Core Material:Ferrite DR/RI; DC Current Rating:5.50A; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
BOURNS INC
|
HDM8513AT HDM8513AP |
Darlington Bipolar Transistor; Power Dissipation:175W; Package/Case:TO-3; Mounting Type:Through Hole; Current Rating:20A; Voltage Rating:500V Timer IC; Supply Voltage Max:16V; Package/Case:14-DIP; Current Rating:10A; Timer Type:Timer-Dual; Mounting Type:Through Hole
|
Hynix Semiconductor Inc.
|
RL1632R-R360-F |
RES .36 OHM 1/2W 1% 1206 SMD RESISTOR, CURRENT SENSE, THIN FILM, 0.5 W, 1 %, 100 ppm, 0.36 ohm, SURFACE MOUNT, 1206
|
SUSUMU Co., Ltd.
|
MIT-4A11B |
MCCB, 160A, 50KA, 3P, MOTOR PROTECT; Voltage rating, AC:415V ac; Current rating:160A; Poles, No. of:3; Current, breaking capacity AC:50kA; Mounting type:DIN Rail; Length / Height, external:145mm; Width, external:90mm; Depth, RoHS Compliant: Yes SUBMINIATURE PHOTOINTERRUPTER
|
Unity Opto Technology
|
AM29LV642DU90RPAI AM29LV642DU12RPAE AM29LV642DU12R |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|