PART |
Description |
Maker |
BL8530 |
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
|
SHANGHAI BELLING CO., LTD.
|
LTC1435CS LTC1435CG |
High Efficiency Low Noise Synchronous Step-Down Switching Regulator
|
http://
|
LTC1438CG-ADJ LTC1439IGW |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
Linear Technology Corporation
|
BD8964FVM |
Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
LTC1435A LTC1435ACS LTC1435ACG LTC1435AIS 1435AF L |
From old datasheet system High Efficiency Low Noise Synchronous Step-Down Switching Regulator
|
LINER[Linear Technology]
|
5LN01SS |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 双通道高效率,低噪声,同步降压型开关稳压器
|
Sanyo Electric Co., Ltd.
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
ACE701 ACE701125AMH ACE701125ANH ACE701125BMH ACE7 |
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
|
ACE Technology Co., LTD... http://
|
LTC1474 LTC1474CMS8PBF LTC1474CS8-3.3PBF LTC1474CS |
Low Quiescent Current High Efficiency Step-DownConverters 0.75 A SWITCHING REGULATOR, PDSO8 Low Quiescent Current High Efficiency Step-DownConverters 0.75 A SWITCHING REGULATOR, 0.75 kHz SWITCHING FREQ-MAX, PDSO8 Low Quiescent CurrentHigh Efficiency Step-DownConverters
|
Linear Technology, Corp.
|
MIC38300 MIC38300HYHL |
3A SuperLNR Low Noise High Efficiency Regulator 3A SuperLNR⑩ Low Noise High Efficiency Regulator
|
Micrel Semiconductor
|
LT1171HVIQTRPBF LT1172HVCQPBF LT1172HVCQTRPBF LT11 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 SMPS Controller 开关电源控制器 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|