PART |
Description |
Maker |
T495B106K020ATE1K0 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, Low ESR, 1 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T495B105K035ATE1K7 |
Tantalum, MnO2 Tantalum, T495, 1 uF, 10%, 35 V, 3528, SMD, MnO2, Molded, Low ESR, 1.7 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T495B106M016ATE650 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, Low ESR, 650 mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
T495X475K050ATE300 |
Tantalum, MnO2 Tantalum, T495, 4.7 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 4.3mm
|
Kemet Corporation
|
T495X476K025ATE150 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 150 mOhms, Height Max = 4.3mm
|
Kemet Corporation
|
T495X476K035ATE200 |
Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
|
Kemet Corporation
|
T495D226K035ATE250 T495X107K020ZTE150 |
Tantalum Surface Mount Capacitors ?Low ESR T495 Series Surge Robust MnO2
|
Kemet Corporation
|
T489D106M035ATE800 |
Tantalum, MnO2 Tantalum, T489, 10 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, Low Leakage, 800 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T491B685M016AT |
T491, Tantalum, MnO2 Tantalum, 6.8 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, 2.5 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T495X476K025ATE080 |
Capacitor, Tantalum, SMD, MnO2, Molded, Low ESR, 47 uF, 7343, /-10% Tol, 25 VDC (85C)
|
Kemet Corporation
|
591D686X004C2T 591D686X010C2T 591D686X010D2T 591D6 |
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV 固体钽芯片电容器等于??,低姿态,低ESR,共形涂层,最大简 SW MINI PUSHBUTTON PANEL SEAL Conformal-coated tantalum capacitor;
high CV; low ESR;
low profile 1.2 - 2.0mm Solid Tantalum Chip Capacitors TANTAMOUNT?? Low Profile Low ESR Conformal Coated Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT??, Low Profile, Low ESR, Conformal Coated, Maximum CV
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. aximum CV VISAY[Vishay Siliconix]
|
|