PART |
Description |
Maker |
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
AQV202AX AQV102 AQV101AX |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp. PANASONIC CORP
|
53246 |
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
SN-24D01HZ-CRT SN-12D01-F SN-5A01-FT |
TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
FUJITSU Component., Ltd. FUJITSU COMPONENT LTD
|
AQY282S AQY282SX AQY282SZ AQW282SX |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX SOP-4 DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
D2425F-10 H12D4840D D2440D |
IC,Normally-Open Panel-Mount Solid-State Relay,2-CHANNEL,M:HL048HD4.4 DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX RELAY, SOLID STATE DUAL 40A 240VAC DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc. CRYDOM CORP
|
TLP170ATPF TLP170A |
Photorelay (MOSFET output, 1-form-a) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Toshiba Corporation
|
LR1200480D25 LR600240D25 |
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,Module TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
AQY414S |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
|
LCB126STR LCB110 LCB110S |
TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
Crydom, Inc. CRYDOM CORP
|