PART |
Description |
Maker |
INTERSILCORP-X9241AWSZT2 X9241AWSZT1 |
Quad Digital Controlled Potentionmeters (XDCP™), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R
|
INTERSIL CORP
|
ELH0021CK |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R
|
|
HIN208CA-T HIN202CBN-T HIN202CB-T |
5V Powered RS-232 Transmitters/Receivers with 0.1µF External Capacitors; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R QUAD LINE TRANSCEIVER, PDSO24 LINE TRANSCEIVER, PDSO16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
ISL6227IAZ-T |
Dual Mobile-Friendly PWM Controller with DDR Option; Temperature Range: -40°C to 85°C; Package: 28-QSOP T&R
|
INTERSIL CORP
|
LT1014ISW LT1013CJ8 LT1013ACJ8 LT1013MJ8 LT1013ACH |
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013); Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD OP-AMP, 400 uV OFFSET-MAX, PDSO16
|
Linear Technology, Corp.
|
ISL6610CRZ ISL6610CBZ ISL6610 ISL6610A ISL6610ACBZ |
Dual Synchronous Rectified MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 4 A BUF OR INV BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. Intersil Corporation
|
EDI7F2331MV100BNC EDI7F2331MV150BNC |
Dual 3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R EEPROM
|
Bourns, Inc.
|
ISL6294IBZ ISL6294IBZ-T ISL6294 ISL629407 |
High Input Voltage Charger; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
Intersil Corporation
|
EDI8F32256C EDI8F32256C-MN EDI8G32256C-MM |
256Kx32 Static RAM CMOS, High Speed Module(256Kx32高速CMOS静态RAM模块) SRAM Modules TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SRAM模块
|
White Electronic Designs Corporation 3M Company
|
ISL29013IROZ-T7 |
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp.
|
X40231S16I-BT1 X40239S16I-AT1 X40237S16I-AT1 |
Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 3-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Intersil, Corp. INTERSIL CORP
|