PART |
Description |
Maker |
6859 |
XLR Style Audio Connector; No. of Contacts:3; Gender:Female-Female Adapter; Body Material:Zinc Alloy; Contact Material:Zinc; Contact Plating:Nickel; Series:XLR RoHS Compliant: Yes
|
POMONA ELECTRONICS
|
CDEIR6D31FNP-120MB CDEIR6D31FNP-120MC CDEIR6D31FNP |
1 ELEMENT, 12 uH, NICKEL-ZINC-CORE, GENERAL PURPOSE INDUCTOR, SMD HALOGEN FREE & ROHS COMPLIANT 1 ELEMENT, 12 uH, NICKEL-ZINC-CORE, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 3.3 uH, NICKEL-ZINC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Sumida, Corp. SUMIDA CORP
|
NL3225 NL322522T-010X NL322522T-012X NL322522T-015 |
D-Subminiature Connector; Gender:Male; No. of Contacts:25; Contact Termination:Through Hole; D Sub Shell Size:DB25; Body Material:Steel; Contact Plating:Gold Flash; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 贴片 D-Subminiature Connector; Gender:Male; No. of Contacts:25; Contact Termination:Crimp; D Sub Shell Size:DB25; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold RoHS Compliant: Yes 贴片 DBM25PTA156 贴片 SMD 贴片 D-Subminiature Connector; Gender:Female; No. of Contacts:25; Contact Termination:Crimp; D Sub Shell Size:DB25; Body Material:Steel; Body Plating:Zinc 贴片 Connector,D-Shell,PCB Mnt,PLUG,25 Contacts,SKT,0.109 Pitch,PC TAIL Terminal,#4-40 DBU25PTFO D-Subminiature Connector; Gender:Female; No. of Contacts:25; Contact Termination:Solder; D Sub Shell Size:DB25; Body Material:Metal; Contact Plating:Gold Over Nickel D-Subminiature Connector; Gender:Male; No. of Contacts:25; Contact Termination:Solder; D Sub Shell Size:DB25; Body Material:Metal; Contact Plating:Gold Over Nickel DBKL25PUTI D-Subminiature Connector; No. of Contacts:25; D Sub Shell Size:DB25; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
TDK, Corp. TDK Corporation ETC[ETC] N.A. TDK[TDK Electronics]
|
P-MUSB-B151-XX |
OUTER SHELL: DIE CAST ZINC ALLOY, NICKEL PLATED
|
Amphenol Corporation
|
SMP3013-473K |
1 ELEMENT, 470 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
GOWANDA ELECTRONICS CORP
|
SMP8527-152K SMP8527-271K SMP8527-471K |
1 ELEMENT, 15 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 8527 1 ELEMENT, 2.7 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 8527 1 ELEMENT, 4.7 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 8527
|
Gowanda Electronics, Corp.
|
ASPI-0612FS-3R3-M-T ASPI-0612FS-3R3-M-T2 |
1 ELEMENT, 3.3 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 6060-12M, ROHS COMPLIANT
|
Abracon, Corp.
|
6850 |
3-Pin XLR (F), Gold Contacts, Black Nickel Plating
|
Pomona Electronics
|
0907-5-15-20-75-14-11-0 0934-0-15-20-74-14-26-0 09 |
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts BERYLLIUM COPPER, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL
|
Mill-Max Mfg. Corp. MILL-MAX MFG CORP
|
ICS1700A ICS1700AM ICS1700AMT ICS1700AN ICS1700AS |
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
|
ETC[ETC]
|
ICS1708N ICS1708ST |
QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
|
etc
|
PEEL173 |
IC,SIMPLE-EEPLD,PLA-TYPE,CMOS,DIP,24PIN,PLASTIC
|
ami
|
|