PART |
Description |
Maker |
9LB1248H101 9LB1248M101 9LB1224S101 9LB1224H101 |
AC Fan 120 9AD type
|
List of Unclassifed Manufacturers
|
9CR5748P9G001 |
AC Fan 120 9AD type
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
9AD1201H12 |
AC Fan 120 9AD type
|
List of Unclassifed Man...
|
FFB1212VH |
120 x 120 x 25.4 MM SERIES FAN
|
DELTA
|
OA125AP-22-1 OA125AP-22-2 OA125AP-22-3 OA125AP-11- |
AC Fan - 115V, 230V, Dual Voltage 120 x 25mm (4.7 x 1.0?
|
ORION FANS
|
TC670ECHTR TC67003 TC670 |
The TC670 is an integrated fan speed sensor that predicts and/or detects fan failure, preventing thermal damage to systems with cooling fans. When the fan speed falls below a user specified level, the TC670 asserts an ALERT signal. With th Tiny Predictive Fan Failure Detector
|
Microchip Technology
|
C9732DK-11 |
For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 ? 120 mm For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 × 120 mm
|
Hamamatsu Corporation
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
AQV234AX AQV234AZ AQV234 AQV234A |
PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side.. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Through hole terminal. Tupe packing style.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
SC2128A-D80S SC2128A-D82S SC2128A-D81B SC2128A-D81 |
Remote fan control IC for electronic fan application
|
Silan Semiconductors
|
SC2128C-D80D SC2128C-D80S SC2128C-D82S SC2128C-D83 |
Remote fan control IC for electronic fan application
|
Silan Semiconductors
|