PART |
Description |
Maker |
9SG1248G101 9SG1224G101 9SG1224H101 |
AC Fan 120 9AD type
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
9SG5724P5H61 9SG5748P5G01 |
nullAC Fan 120 9AD type
|
List of Unclassifed Manufacturers
|
9G1212E101 9G1212F101 9G1212G101 9G1212H101 9G1212 |
AC Fan 120 9AD type AC Fan 120 9AD type
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
9GL1224E101 9GL1212G101 9GL1248M101 9GL1224H101 9G |
AC Fan 120 9AD type AC Fan 120 9AD type
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
TC647BEUATR TC642B TC642BEOA713 TC642BEOATR TC642B |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense⑩ Technology for Fault Detection
|
MICROCHIP[Microchip Technology]
|
AQV414AX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. I/O isolation: 1.500 V AC. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal, tape and reel packing style, picked from the 1/2/3-pin
|
Matsushita Electric Works(Nais)
|
TC664 TC664EUN TC665 TC665EUN |
The TC665 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan The TC664 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan SMBus PWM Fan Speed Controllers With Fan Fault Detection SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
AQW454 AQW454AZ AQW454A AQW454AX |
PhotoMOS relay, HE (high-function economy) [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 120 mA. Surface mount terminal. Picked from the 5/6/7/8-pin side. PhotoMOS relay, HE (high-function economy) [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 120 mA. Surface mount terminal. Picked from the 1/2/3/4-pin side. PhotoMOS relay, HE (high-function economy) [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 120 mA. Through hole terminal. HE (High-function Economy) Type [2-Channel (Form B) Type] 他(高功能经济)类型[2通道(表B)型]
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp.
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
AQV234AX AQV234AZ AQV234 AQV234A |
PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side.. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Through hole terminal. Tupe packing style.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
TC664EUN |
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology Inc.
|