PART |
Description |
Maker |
22-27-2111 22-27-2221 22-27-2251 22-27-2091 22-29- |
Header Connector,PCB Mnt,RECEPT,11 Contacts,PIN,0.100 Pitch,PC TAIL Terminal,POLARIZED LCK 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm KK Hdr Vt FricLK VrA 5Sn 22Ckt 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm KK Hdr Vt FricLK VrA 5Sn 25Ckt 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,9 Contacts,PIN,0.100 Pitch,PC TAIL Terminal,POLARIZED LCK 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:6; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm KK Hdr Vt FricLK VrA 5Sn 23Ckt 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-5T21642M3-06-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 16 x 3mm PC Tail signal contacts, 6 x 4.5mm PC Tail Coax contacts 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
70543-0251 70543-0045 70543-0248 70543-0278 70543- |
CGRID SL VHDR TIN 5 CKT 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR TIN 2 CKT 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR 15 GOLD 8 CKT 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR 15 GOLD 2 CKT 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL SMT Vhdr SR 150 30 SAu 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR SR 30 GOLD 4CKT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd VHdr SR 120 Tin 24Ckt 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL SMT Vhdr SR 120 15 SAu 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
87758-3217 87758-0616 87758-5017 87758-1817 87758- |
2mm MGrid VHdr .76AuLF 32Ckt 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:6; Pitch Spacing:2mm; Number of Rows:2; Series:87758; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm MGrid VHdr .76AuLF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid VHdr .76AuLF 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2X1 M STR AU 2MMLS 0W 4MMH 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 2MM VERT GOLD
|
Molex, Inc. MOLEX INC
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
SEAM-30-03.5-S-10-2-A SEAM-20-03.5-S-10-2-A SEAM-4 |
CONN SNGL-END ARRAY MALE 300POS 300 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT CONN SNGL-END ARRAY MALE 200POS 200 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT CONN SNGL-END ARRAY MALE 400POS 160 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 120 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 320 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 80 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT CONN SNGL-END ARRAY MALE 320POS
|
Samtec, Inc. SAMTEC INC
|
74099-2013 74099-1013 74099-1003 74099-1009 74099- |
SL SMT VT Shrd Hdr 30 SAu 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT VT Shrd Hdr 15 SAu 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:3; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .100 VERT 9POS SMD 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT VT Shrd Hdr 30 SAu 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
90136-1109 90136-1107 90136-1304 |
Header; Number of Contacts:9; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:7; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr SR Vt Au-F 4Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Ecliptek, Corp. Molex, Inc.
|
10-45-1061 10-45-1051 10-45-1151 10-08-1091 10-45- |
Header; Number of Contacts:6; Pitch Spacing:5.08mm; Number of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 5Ckt 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 15Ckt 15 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 9=9X1 0.200" HEADER 9 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 9Ckt 9 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 10081131 13 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK HDR VT RPIN VRA 5sN 17CKT 17 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA 5Sn 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
70246-4021 |
Header; No. of Contacts:40; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
61083-203442LF 61083-203446LF |
200 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, PLUG
|
|
68301-1006 68301-1069 68301-1035 68301-1028 68301- |
Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CH 100 Single Row Vert SMT 2ckt 30au CH 100 Single Row Vert SMT 3ckt 30au
|
Molex, Inc. MOLEX INC
|
|