PART |
Description |
Maker |
LTC2856IDD-1 LTC2857IDD-1 LTC2858IDD-1 LTC2856HDD- |
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO10 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO10 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
|
Linear Technology, Corp.
|
ADC08068BIJ ADC08064CMJ ADC08068CMJ ADC08064BIJ AD |
Quad Low Power RS485 Driver; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Low Power RS485 Interface Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Differential Driver and Receiver Pair; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Single-Ended Data Acquisition System 单端数据采集系统
|
NEC, Corp.
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1334IG-PBF LTC1334-15 |
Single 5V RS232/RS485 Multiprotocol Transceiver
|
Linear Dimensions Semiconductor Linear Technology
|
TD311D485H |
SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
|
MORNSUN Science& Technology Ltd.
|
TD301D485H-A TD501D485H-A |
SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
|
MORNSUN Science& Technology Ltd. MORNSUN Science& Techno...
|
LTC486CSW LTC486_05 LTC486 LTC486CN LTC486IN LTC48 |
Quad Low Power RS485 Driver
|
LINER[Linear Technology]
|
AM27C040-120/BUA AM27C040-120/BXA AM27C040-120LIB |
Dual PowerPath Switch Driver; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual Protected High Side Switches; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Differential Bus Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual PCMCIA Protected 3.3V/5V VCC Switches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very Low Noise, Low Distortion Active RC Quad Universal Filter; Package: SSOP; No of Pins: 20; Temperature Range: 0°C to 70°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
Samsung Semiconductor Co., Ltd. Advanced Micro Devices, Inc.
|
ZT485EEN ZT483E ZT491EEP ZT483ECP ZT483EEN ZT483EE |
Low Power 5V 250kbps/10Mbps RS485 Transceivers
|
ETC[ETC]
|
LTC1321CS LTC1321IN LTC1322 LTC1335C LTC1335CS LTC |
RS232/EIA562/RS485 Transceivers RS232/EIA562/RS485 Transceivers LINE TRANSCEIVER, PDIP24 RS232/EIA562/RS485 Transceivers RS232/EIA562/RS485收发 RS232/EIA562/RS485 Transceivers LINE TRANSCEIVER, PDSO24
|
Linear Technology Corporation Linear Technology, Corp.
|
NJM2716 NJM2716F |
SINGLE SUPPLY HI-SLEW RATE SINGLE OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|