PART |
Description |
Maker |
HCC40107BDG HCC4017BDG HCC4017BDT HCC4027BDG HCC40 |
Rad-hard dual 2-input NAND buffer/driver Rad-hard decade counter/divider Rad-hard dual J-K master-slave Flip-Flop Rad-hard triple 3-input NAND gate Rad-hard 4-bit magnitude comparator Rad-hard triple 3-input AND gate Rad-hard hex buffer 3-state non-inverter Rad-hard hex schmitt trigger Rad-hard hex inverting buffer/converter Rad-hard hex inverter
|
ST Microelectronics
|
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
RHFL4913A12 |
Rad-hard adjustable positive voltage regulator
|
STMicroelectronics
|
MSK5973RH MSK5973KRHL MSK5973HRHL |
RAD HARD 1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
|
Anaren Microwave
|
CD4023BMS CD4012BMS CD4011BMS FN3079 CD4023B CD401 |
From old datasheet system CMOS NAND Gates NAND, 3-Input, Triple, Rad-Hard, CMOS, Logic NAND, 2-Input, Quad, Rad-Hard, CMOS, Logic NAND, 4-Input, Dual, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
MSK5821HRHD |
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
|
Anaren Microwave
|
PE9701 PE9701EK PE9701ES 9701-11 9701-00 9701-01 |
3000 MHz UltraCMOSInteger-N PLL Rad Hard for Space Applications 3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications 3000 MHz UltraCMOS⑩ Integer-N PLL Rad Hard for Space Applications
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
JANSR2N7402 FN4374 |
3A, 500V, 2.70 Ohm, Rad Hard, N-Channel Power MOSFET From old datasheet system 3A, 500V, 2.70 Ohm, Rad Hard, Channel Power MOSFET 3A/ 500V/ 2.70 Ohm/ Rad Hard/ N-Channel Power MOSFET 3 A, 500 V, 2.7 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-257AA
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation]
|
PE9354ES 9354-00 9354-01 9354-11 PE9354 PE9354-EK |
SPDT High Power UltraCMOS?/a> RF Switch Rad hard for Space Applications SPDT High Power UltraCMOS RF Switch Rad hard for Space Applications SPDT High Power UltraCMOSRF Switch Rad hard for Space Applications SPDT High Power UltraCMOS⑩ RF Switch Rad hard for Space Applications
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
JANSR2N7410 FN4500 |
3.5A, 100V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET 3.5 A, 100 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-205AF From old datasheet system 3.5A 100V 0.600 Ohm Rad Hard N-Channel Power MOSFET 3.5A/ 100V/ 0.600 Ohm/ Rad Hard/ N-Channel Power MOSFET
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FSL9130R FN4083 FSL9130R4 FSL9130D FSL9130D1 FSL91 |
5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 5 A, 100 V, 0.68 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF CAP 1000UF 200V ELECT TS-HB 5 A, 100 V, 0.68 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF From old datasheet system 5A/ -100V/ 0.680 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 7A/ -100V/ 0.300 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|