PART |
Description |
Maker |
0850032751 85003-2751 |
2.54mm (.100) Pitch DIN 41612 Header, Style C Right Angle, Through Hole 2.54mm (.100") Pitch DIN 41612 Header, Style C Right Angle, Through Hole MOLEX Connector
|
Molex Electronics Ltd.
|
85013-3196 0850133196 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1μm (40μ) Selective Gold (Au), 48 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1渭m (40渭) Selective Gold (Au), 48 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1楼矛m (40楼矛) Selective Gold (Au), 48 Circuits, Lead free
|
Molex Electronics Ltd.
|
0850031378 85003-1378 |
2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27μm (50μ) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27渭m (50渭) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27楼矛m (50楼矛) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips
|
Molex Electronics Ltd.
|
0850032983 85003-2983 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole0.25μm (10μ) Selective Gold (Au), 32 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole0.25渭m (10渭") Selective Gold (Au), 32 Circuits, Lead free MOLEX Connector
|
Molex Electronics Ltd.
|
0850032529 85003-2529 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle , Through Hole ,1μm (40μ) Selective Gold (Au) , 96 Circuits, First-Mate-Last-Break Pins Available, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle , Through Hole ,1楼矛m (40楼矛) Selective Gold (Au) , 96 Circuits, First-Mate-Last-Break Pins Available, MOLEX Connector
|
Molex Electronics Ltd.
|
0850426086 85042-6086 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
85042-9025 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-6103 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits 2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits
|
Molex Electronics Ltd.
|
85042-3548 0850423548 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
MM-B2500-R962 0365090074 36509-0074 |
2.54mm (.100) Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
0850150335 85015-0335 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 1楼矛m (40楼矛) Gold (Au), 128 Circuit 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 1μm (40μ) Gold (Au), 128 Circuit
|
Molex Electronics Ltd.
|
|