PART |
Description |
Maker |
BC328-16/E6 BC328/E6 BC328-40/E6 BC327/E6 BC327-40 |
IC MAX 7000 CPLD 64 100-TQFP MAX II CPLD 570 LE 256-FBGA MAX II CPLD 570 LE 100-TQFP MAX 7000 CPLD 192 MC 160-PQFP MAX 7000 CPLD 32 MC 44-TQFP MAX 3000A CPLD 32 MC 44-TQFP MAX 7000 CPLD 256 MC 100-FBGA 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 800mA的一(c)|26AA 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
Mitsubishi Electric, Corp. VISHAY SEMICONDUCTORS
|
YVZ152B-F |
IC MAX 7000 CPLD 256 208-PQFP
|
|
ST2245P-4.000MHZ ST2245E-4.000MHZ ST2245EP-4.000MH |
IC ACEX 1K FPGA 50K 208-PQFP Crystal Oscillator FPGA, FLEX 6000, 24K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:6024; Logic IC function:EPF6024A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:24000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes IC MAX 7000 CPLD 128 100-TQFP IC ACEX 1K FPGA 30K 208-PQFP MAX 3000A CPLD 64 MC 44-PLCC Cyclone II FPGA 5K TQFP-144 Stratix II FPGA 60K FBGA-1020 Cyclone II FPGA 5K PQFP-208 Stratix II FPGA 30K FBGA-672 Cyclone FPGA 12K PQFP-240 MAX II CPLD 1270 LE 256-FBGA Stratix II FPGA 15K FBGA-484 IC APEX 20KE FPGA 100K Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Cyclone II FPGA 35K FBGA-672 CONFIGURATION DEVICE, 1.6MBIT, PLCC20; Memory type:Configuration FLASH; Interface type:Serial; Memory size:1.6Mbit; Frequency:16.7MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Case style:PLCC; Temperature, operating RoHS Compliant: Yes MAX 3000A CPLD 256 MC 144-TQFP 晶体振荡 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No
|
Pletronics
|
ST6041B7/XX |
IC MAX 7000 CPLD 32 44-PQFP 8位微控制
|
Advanced Micro Devices, Inc.
|
BC213A BC214B BC214A BC213C BC158B BC158A BC147B B |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Number of Circuits:1728; Mounting Type:surface mount Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576 ; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes ; Temperature, operating range:-40(degree C) to (degree C); Base number:1; IC Generic RoHS Compliant: Yes FPGA, FLEX 10K, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:PQFP MAX 3000A CPLD 128 MC 100-TQFP MAX 7000 CPLD 128 MC 100-PQFP Stratix II GX FPGA 60K FPGA-780 晶体管|晶体管|进步党| 20V的五(巴西)总裁| 100mA的我(丙 Stratix II FPGA 60K FBGA-672 晶体管|晶体管|叩| 45V的五(巴西)总裁| 100mA的我(丙 SERIAL CONFIG MEMORY, 16M, SOIC16; Memory type:FLASH; Memory size:16MB; Temp, op. min:-40(degree C); Temp, op. max:85(degree C); Case style:SOIC; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes
|
Golledge Electronics, Ltd. STMicroelectronics N.V.
|
ST49C101A-07 ST49C101A-09 ST49C101A-01 ST49C101A-0 |
MAX II CPLD 240 LE 100-MBGA MAX II CPLD 2210 LE 256-FBGA MAX II CPLD 570 LE 256-FBGA MAX II CPLD 2210 LE 324-FBGA MAX II CPLD 570 LE 100-FBGA MAX II CPLD 240 LE 100-FBGA 变频
|
ALPS Electric Co., Ltd.
|
BC313 |
Tranzystor krzemowy redniej mocy, maej czstotliwoci IC MAX 7000 CPLD 64 100-TQFP
|
Ultra CEMI
|
YSS241F |
MAX II CPLD 1270 LE 256-MBGA 消费性IC
|
SIEMENS AG
|
TS971IDT TS971IYD TS971IYDT TS971IYLT TS97107 TS97 |
DUAL OP-AMP, 7000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDSO8 Output rail-to-rail very low noise operational amplifier QUAD OP-AMP, 7000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDIP14
|
STMicroelectronics
|
ATF1508RE-7AU100 ATF1508RE-5AX100 |
128 MC CPLD, 3.3V ISP CPLD, 100-pin TQFP(EPLD) EE PLD, PQFP100 Highperformance CPLD
|
Atmel, Corp. ATMEL Corporation
|
LM358G-SM1-R LM358G-P08-R LM358G-D08-T LM358G-P08- |
DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, DIP8 DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, PDSO8 DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, SIP9 DUAL OPERATIONAL AMPLIFIER
|
Unisonic Technologies Co., Ltd.
|