|
|
|
Electronic Theatre Controls, Inc. NEC, Corp.
|
Part No. |
Z00-24 Z00-16 Z00-4 Z00-10 Z00-6 ZE-24 ZE-04 ZE-6 ZE-06 ZE-024 ZE-4 ZE-9 ZE-16 ZE-10 Z5-70/SK3
|
Description |
ic,SERIAL EEPROM,NOR FLASH,CMOS,LDCC,20PIN,PLASTic ic,EPLD, ALTERA,3256A,144TQFP ic max 7000 cpld 192 160-PQFP ic max 7000 cpld 256 100-TQFP ic max 7000 cpld 64 84-PLCC OVERLOAD RELAY 0.4 TO 0.6A NanoPower Voltage Detectors UEBERLASTRELAIS DIL E 0.16 BIS 0.24 UEBERLASTRELAIS迪勒的位.16国际清算银行0.24 FUSE, 2AG SLO-BLO, SUBMINIATURE, GLASS BODY, 5A, 125V 过载继电070A
|
File Size |
283.03K /
6 Page |
View
it Online |
Download Datasheet |
|
|
|
Carlo Gavazzi
|
Part No. |
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742XCVV ST4731XCQQ ST2731XCNV ST4843XCVV ST4841XCVV ST4641XCNV ST4641XCQQ ST4642XCQQ ST4642XCVV ST4643XCNV ST4643XCQQ ST4643XCVV ST2742XCNV ST2741XCQQ
|
Description |
ic max 9000 cpld 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; Logic ic family:FPGA; Logic ic Base Number:10; Logic ic function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; Logic ic family:FPGA; Logic ic Base Number:10; Logic ic function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; Logic ic family:Programmable; Logic ic Base Number:30; Logic ic function:Programmable; Case style:PQFP; Base number cpld. max 7000, 256 MACROCELLS, PQFP208; Logic ic family:cpld (EPLD); Logic ic Base Number:7256; Logic ic function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; Logic ic family:Programmable; Logic ic Base Number:10; Logic ic function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; ic Generic RoHS Compliant: Yes max 3000A cpld 128 MC 144-TQFP max 3000A cpld 32 MC 44-PLCC max II cpld 1270 LE 256-FBGA cpld. max 7000, 192 MACROCELLS, PQFP160; Logic ic family:cpld (EPLD); Logic ic Base Number:7192; Logic ic function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes max II cpld 240 LE 100-TQFP max 7000 cpld 32 MC 44-PLCC cpld 256CELLS 161/O 10NS [256/FBGA] cpld. max 7000, 160 MACROCELLS, PQFP160; Logic ic family:cpld (EPLD); Logic ic Base Number:7160; Logic ic function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes ic ACEX 1K FPGA 50K 256-FBGA 通信集成电路 ic ACEX 1K FPGA 30K 208-pqfp 通信集成电路
|
File Size |
1,473.68K /
38 Page |
View
it Online |
Download Datasheet |
|
|
|
Pletronics
|
Part No. |
ST2245P-4.000MHZ ST2245E-4.000MHZ ST2245EP-4.000MHZ-SMD ST2245-4.000MHZ-SMD ST2245P-4.000MHZ-SMD ST2244-60.000MHZ-SMD ST2244EP-60.000MHZ-SMD ST2245P-60.000MHZ-SMD ST2244-4.000MHZ-SMD ST2245EP-60.000MHZ-SMD ST2244EP-4.000MHZ-SMD ST2244E-4.000MHZ-SMD ST2245E-60.000MHZ-SMD ST2244E-60.000MHZ-SMD ST2244P-60.000MHZ-SMD ST2245-60.000MHZ-SMD ST2244P-4.000MHZ-SMD
|
Description |
ic ACEX 1K FPGA 50K 208-pqfp Crystal Oscillator FPGA, FLEX 6000, 24K GATES, PQFP208; Logic ic family:FPGA; Logic ic Base Number:6024; Logic ic function:EPF6024A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:24000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes ic max 7000 cpld 128 100-TQFP ic ACEX 1K FPGA 30K 208-pqfp max 3000A cpld 64 MC 44-PLCC Cyclone II FPGA 5K TQFP-144 Stratix II FPGA 60K FBGA-1020 Cyclone II FPGA 5K PQFP-208 Stratix II FPGA 30K FBGA-672 Cyclone FPGA 12K PQFP-240 max II cpld 1270 LE 256-FBGA Stratix II FPGA 15K FBGA-484 ic APEX 20KE FPGA 100K Programmable Logic ic; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Cyclone II FPGA 35K FBGA-672 CONFIGURATION DEVicE, 1.6MBIT, PLCC20; Memory type:Configuration FLASH; Interface type:Serial; Memory size:1.6Mbit; Frequency:16.7MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Case style:PLCC; Temperature, operating RoHS Compliant: Yes max 3000A cpld 256 MC 144-TQFP 晶体振荡 Programmable Logic ic; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-pqfp; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No
|
File Size |
80.80K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
Part No. |
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB TSC51C2XXX-12ic TSC51C2XXX-A12ic TSC51C2XXX-A16ic TSC8051C2-A12ic TSC8051C2-A16ic TSC51C2XXX-A16IA TSC51C2XXX-A16CE TSC51C2XXX-A12CA TSC51C2XXX-A12CE TSC51C2XXX-A12CB TSC51C2XXX-A12CC TSC51C2XXX-16CC TSC51C2XXX-16CB TSC51C2XXX-12CC TSC51C2XXX-16CE TSC51C2XXX-16IA TSC8051C2-12IB TSC51C2XXX-12CA TSC51C2XXX-12CB TSC8051C2-A12CC TSC8051C2-12CA
|
Description |
ic max 7000 cpld 512 208-pqfp ic max IIZ cpld 570 LE 256-MBGA ic max 7000 cpld 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes ic,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTic FPGA Logic ic Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; ic,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTic ic,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTic ic,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTic No. of Macrocells:192; No. of Pins:68; Operating Temp. max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MicROCONTROLLER 8位微控制 ic max 7000 cpld 128 100-PQFP 8位微控制 ic max 7000 cpld 160 84-PLCC 8位微控制
|
File Size |
1,536.61K /
28 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|