PART |
Description |
Maker |
5962-9961201HTC 5962-9961201HTA 5962-9961201HNA 59 |
Positive Adjustable Voltage Regulator Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs 积极可调电压稳压
|
Wickmann by Littelfuse
|
BS62LV8001 BS62LV8001EI BS62LV8001EIP55 BS62LV8001 |
Very Low Power/Voltage CMOS SRAM 1M X 8 bit Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 70 ns, PBGA48 Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 55 ns, PBGA48 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:47uF RoHS Compliant: Yes From old datasheet system Asynchronous 8M(1Mx8) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
K6T4016U3C K6T4016U3C-B K6T4016U3C-F K6T4016U3C-RB |
256Kx16 bit Low Power and Low Voltage CMOS Static RAM Surface Mount Resistors Thick Film Chip Resistors 256Kx16 bit Low Power and Low Voltage CMOS Static RAM 256Kx16位低功耗和低电压的CMOS静态RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
NJM2284 NJM2284D NJM2284M NJM2284V |
Single, Low-Voltage, Low Power, RRO 5-SC70 -40 to 125 Quad, Low-Voltage, Low Power, RRO 14-SOIC -40 to 85 2-INPUT 3CHANNEL VIDEO SWITCH
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TMP87C409BN TMP87C409BM 87C809 TMP87C809BN TMP87C8 |
(TMP87Cx09xx) CMOS 8-bit Microcontroller Low Voltage, Low Power, 16-/24-Bit, Dual Sigma Delta ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD
|
Toshiba Semiconductor Toshiba Corporation
|
TC7MPN3245FTG |
Low Voltage/Low Power 4-Bit 】 2 Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
K6T8008C2M K6T8008C2M-B K6T8008C2M-F K6T8008C2M-RB |
1Mx8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
FMP1617CA7-FXXX FMP1617CA7-G60E FMP1617CA7-G70E FM |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|