PART |
Description |
Maker |
CZRQR6V8B-HF CZRQR36VB-HF CZRQR3V9B-HF CZRQR27VB-H |
Halogen Free Zener Diodes, P-D=0.125Watts, V-Z=27V Halogen Free Zener Diodes, P-D=0.125Watts, V-Z=6.2V SMD Zener Diode Halogen Free Zener Diodes, P-D=0.125Watts, V-Z=2.7V Halogen Free Zener Diodes, P-D=0.125Watts, V-Z=4.7V Halogen Free Zener Diodes, P-D=0.125Watts, V-Z=5.1V
|
Comchip Technology
|
ATV50C101J-HF ATV50C101JB-HF ATV50C110J-HF ATV50C1 |
Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=5000Watts, V-RWM=100V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=5000Watts, V-RWM=11V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=5000Watts, V-RWM=110V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=5000Watts, V-RWM=120V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=5000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=5000Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=5000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=5000Watts, V-RWM=40V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=5000Watts, V-RWM=13V, Tolerance=5%
|
Comchip Technology
|
TV02W150B-HF TV02W120B-HF TV02W280B-HF TV02W330B-H |
Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=15V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=12V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=30V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=200Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=200Watts, V-RWM=75V, Tolerance=5%
|
Comchip Technology
|
V82ZA05P V715ZA05P V33ZA70P V750ZA05P V33ZA05P V68 |
Lead?free, Halogen-Free and RoHS Radial Lead Varistors ZA Series Lead?free, Halogen-Free and RoHS
|
Littelfuse
|
K4M51323PI-HG750 K4M51323PG-HG750 |
16M X 32 SYNCHRONOUS DRAM, 6 ns, PBGA90 LEAD FREE AND HALOGEN FREE, FBGA-90 16M X 32 SYNCHRONOUS DRAM, 6 ns, PBGA90 HALOGEN FREE AND ROHS COMPLIANT, FBGA-90
|
Elite Semiconductor Memory Technology, Inc.
|
H5TQ1G63AFP H5TQ1G83AFP H5TQ1G43AFP H5TQ1G43AFPR-G |
1Gb DDR3 SDRAM 256M X 4 DDR DRAM, 0.3 ns, PBGA78 HALOGEN FREE, FPBGA-78 128M X 8 DDR DRAM, 0.3 ns, PBGA78 HALOGEN FREE, FPBGA-78
|
Hynix Semiconductor, Inc.
|
37300800000 37301250000 37300630000 37300500410 37 |
Shok safe casing Vibration resistant Halogen free Lead-free
|
Littelfuse
|
BAT54SWGH |
Schottky Barrier Diode Lead free product Halogen - free type
|
Zowie Technology Corporation
|
RL36370-R010-G RL36370-R002-F RL36370-R002-G RL363 |
3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
|
Delta Electronics, Inc.
|
RL1632H-R005F RL1632H-R005G RL1632H-R005J RL1632H- |
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
|
Daesan Electronics Corp...
|
|