Part Number Hot Search : 
1A28A LZ801 2SD1691 LTC1514 KTA1040D IRL540 TDA7314 LZ801
Product Description
Full Text Search
  halogen-free Datasheet PDF File

For halogen-free Found Datasheets File :: 44168    Search Time::2ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SE10PG SE10PJ SE10PD SE10PB

Vishay Siliconix
Part No. SE10PG SE10PJ SE10PD SE10PB
OCR Text ...accordance to weee 2002/96/ec ? halogen-free according to ie c 61249-2-21 definition mechanical data case: do-220aa (smp) molding compound meets ul 94 v-0 flammability rating base p/n-m3 - halogen-free, rohs compliant, and commercial grad...
Description Surface Mount ESD Capability Rectifiers

File Size 86.20K  /  5 Page

View it Online

Download Datasheet





    0436450208

Molex Electronics Ltd.
Part No. 0436450208
OCR Text ...o-Fit 3.0TM Receptacle Housing, Halogen Free, Single Row, 2 Circuits, Glow Wire Compatible Documents: 3D Model Drawing (PDF) Product Specification PS-43650 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR199...
Description
File Size 148.20K  /  2 Page

View it Online

Download Datasheet

    NDD03N80Z.1G NDD03N80ZT4G NDF03N80ZH

ON Semiconductor
Part No. NDD03N80Z.1G NDD03N80ZT4G NDF03N80ZH
OCR Text ...ed ? these devices are pb-free, halogen free/bfr free and are rohs compliant absolute maximum ratings (t c = 25 c unless otherwise noted) rating symbol ndd ndf unit drain ? to ? source voltage v dss 800 v continuous drain current r jc ...
Description N.Channel Power MOSFET

File Size 128.46K  /  8 Page

View it Online

Download Datasheet

    0436450308

Molex Electronics Ltd.
Part No. 0436450308
OCR Text ...o-Fit 3.0TM Receptacle Housing, Halogen Free, Single Row, 3 Circuits, Glow Wire Compatible Documents: 3D Model Drawing (PDF) Product Specification PS-43650 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR199...
Description
File Size 148.20K  /  2 Page

View it Online

Download Datasheet

    0436450508 43645-0508

Molex Electronics Ltd.
Part No. 0436450508 43645-0508
OCR Text ...Circuits, Glow Wire Compatible, halogen-free Documents: 3D Model Drawing (PDF) Product Specification PS-43650 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and...
Description 3.00mm (.118) Pitch Micro-Fit 3.0 Receptacle Housing, Single Row, 5 Circuits

File Size 148.06K  /  2 Page

View it Online

Download Datasheet

    0436450608

Molex Electronics Ltd.
Part No. 0436450608
OCR Text ...o-Fit 3.0TM Receptacle Housing, Halogen Free, Single Row, 6 Circuits, Glow Wire Compatible Documents: 3D Model Drawing (PDF) Product Specification PS-43650 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR199...
Description
File Size 148.20K  /  2 Page

View it Online

Download Datasheet

    UR622510 UR6225L-XX-AF5-C-R UR6225L-XX-T92-B-B UR6225L-XX-T92-B-K UR6225G-XX-T92-B-B UR6225G-XX-T92-B-K UR6225G-XX-T92-C

Unisonic Technologies
Part No. UR622510 UR6225L-XX-AF5-C-R UR6225L-XX-T92-B-B UR6225L-XX-T92-B-K UR6225G-XX-T92-B-B UR6225G-XX-T92-B-K UR6225G-XX-T92-C-B UR6225G-XX-T92-C-K UR6225G-XX-AE3-3-R UR6225G-XX-AF5-C-R UR6225G-XX-AF5-F-R UR6225G-XX-AB3-C-R
OCR Text ...dering Number Package Lead Free Halogen Free UR6225L-xx-AB3-C-R UR6225G-xx-AB3-C-R SOT-89 UR6225L-xx-AE3-3-R UR6225G-xx-AE3-3-R SOT-23 UR6225L-xx-AF5-C-R UR6225G-xx-AF5-C-R SOT-25 UR6225L-xx-AF5-F-R UR6225G-xx-AF5-F-R SOT-25 UR6225L-xx-T92-...
Description POSITIVE VOLTAGE REGULATOR

File Size 462.54K  /  16 Page

View it Online

Download Datasheet

    XRP6272ITC5TR-F

Exar Corporation
Part No. XRP6272ITC5TR-F
OCR Text ...red in rohs compliant, ?green?/halogen free 5-pin to-252 and 8-pin exposed pad soic packages. applications ? networking equipments ? rf circuitry power supplies ? set-top box equipments ? portable equipments features ? gu...
Description 2A 5V-Adjustable Low Dropout Voltage Regulator
   2A 5V-Adjustable Low Dropout Voltage Regulator

File Size 938.74K  /  13 Page

View it Online

Download Datasheet

    NIKO-SEM
Part No. P1403EVG
OCR Text ... sop-8 halogen-free & lead-free niko - sem 1 jun-22-2010 rev 1.3 absolute maximum ratings (t a = 25 c unless o therwise noted) parameters/test conditions symbol limits units dra...
Description P-Channel Logic Level Enhancement Mode Field Effect Transistor

File Size 521.56K  /  5 Page

View it Online

Download Datasheet

    XRP6668IDBTR-F

Exar Corporation
Part No. XRP6668IDBTR-F
OCR Text ...d in a rohs compliant, ?green?/halogen free 8-pin exposed pad soic package. applications ? portable equipments ? battery operated equipments ? audio-video equipments ? networking & telecom equipments features ? dual chann...
Description 1A/1A Dual Channel 1.5MHz Sync. Step Down Converter

File Size 609.04K  /  11 Page

View it Online

Download Datasheet

For halogen-free Found Datasheets File :: 44168    Search Time::2ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of halogen-free

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.77180600166321