PART |
Description |
Maker |
RER120-26-14-2TDP RER120-26-18-2TDP RER120-26-18-2 |
DC centrifugal fans Series RER 120 TD ? 120 x 54 mm
|
List of Unclassifed Man...
|
GM76C256CW GM76C256CLLT-55W |
x8|2.7~5.5V|55/70/85/100/120|Low Power Slow SRAM - 256K x8 | 2.75.5V的| 55/70/85/100/120 |低功耗SRAM的速度 256K 32K X 8 STANDARD SRAM, 120 ns, PDSO28
|
TE Connectivity, Ltd. HYNIX SEMICONDUCTOR INC
|
MXP1005 |
Solar Array Diode; Package: SEE_FACTORY; IO (A): 2.25; Cj (pF): 600; Vrwm (V): 120; VF (V): 0.84; TSTG/Top (ºC): 200; Tj (ºC): 150; IR (µA): 10; 2.25 A, 120 V, SILICON, RECTIFIER DIODE Photovoltaic By-Pass Diode 120 Volts, 2.25 Amps
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
C9732DK-11-15 |
For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm
|
Hamamatsu Corporation
|
EH3525ETTTS-120.000M |
OSCILLATORS 25PPM -40 85 5.0V 4 120.000MHZ TS CMOS 5.0X3.2MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 120 MHz, HCMOS/TTL OUTPUT
|
Ecliptek, Corp.
|
BAV19 BAV21 BAV20 BAV19-TP |
500mW Small Signal Diodes 120 to 250 Volts 0.2 A, 120 V, SILICON, SIGNAL DIODE, DO-35
|
Micro Commercial Components
|
EH3500ETTTS-120.000M |
OSCILLATORS 100PPM -40 85 5.0V 4 120.000MHZ TS CMOS 5.0X3.2MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 120 MHz, CMOS OUTPUT
|
Ecliptek, Corp.
|
ESSM-3-1-75 |
E-Series 3-Way 0 Power Divider 5 - 120 MHz
|
MACOM[Tyco Electronics]
|
STP200N6F3 STB200N6F3 STB200N6F3TRL |
120 A, 60 V, 0.0035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-channel 60 V, 3 mΩ, 120 A D2PAK, TO-220, I2PAK STripFET Power MOSFET
|
STMicroelectronics
|
LH28F008SCHB-LF12 LH28F008SCT-LF12 LH28F008SCR-LF8 |
1M X 8 FLASH 2.7V PROM, 120 ns, PBGA42 FBGA-42 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO40 TSOP1-40 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO40 REVERSE, TSOP1-40 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO40 REVERSE, TSOP1-40 1M X 8 FLASH 2.7V PROM, 85 ns, PBGA42 FBGA-42 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO44 SOP-44 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO40 TSOP1-40 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO44 SOP-44 1M X 8 FLASH 5V PROM, 120 ns, PDSO56 512K X 8 FLASH 5V PROM, 60 ns, PDSO44 2M X 8 FLASH 5V PROM, 120 ns, PDSO56 512K X 8 FLASH 5V PROM, 60 ns, PDSO48 256K X 8 FLASH 5V PROM, 80 ns, PDSO32
|
Sharp Electronics, Corp. SHARP ELECTRONICS CORP
|
CS4398 CS4398-CZZ CS4398-CZZR CIRRUSLOGICINC-CS439 |
120 dB / 192 kHz Multi-Bit DAC with Volume Control 120 dB, 192 kHz Multi-Bit DAC with Volume Control SERIAL INPUT LOADING, 24-BIT DAC, PDSO28 DSD supported with 120 dB, 24 bit, 192-kHz stereo D/A converter
|
Cirrus Logic, Inc.
|
TCL120-124C TCL024-124 TCL-REM240 TCL060-124C TCL0 |
Industrial Power Supplies ( TCL Series, 24 - 120 Watt) 工业电源(TCL集团系列24 - 120瓦)
|
TRACO ELECTRONIC AG.
|
|