PART |
Description |
Maker |
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L1040500-00-000-04-333 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, No jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L220M1-20-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T21642M3-06-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 16 x 3mm PC Tail signal contacts, 6 x 4.5mm PC Tail Coax contacts 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5000000M1-05-336-00-000 M80-5000000M1-04-331-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 4 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 7 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5L20422M5-00-000-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L210M1-21-334-314 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 10 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts and 1 x 4.5mm PC Tail Coax contact 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
39-29-9049 39-29-9104 39-29-9109 39-29-9147 39-29- |
CONN HDR VERT PCB MT 4POS 8AMPS 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONNECTOR - 10 PIN, MINI-FIT JR 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:12; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN,12-POS MOLEX HEADER, DUAL ROW, VERTICAL, GOLD, W/PEGS & DRAIN HOLES 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 RoHS Compliant: Yes 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:20; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS Header Connector,PCB Mnt,PLUG,6 Contacts,SKT,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFitJrHdr Vt DR W/Pgs 30Au V-2 14Ckt 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-5566-04AGS 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 39299169 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. Molex Electronics Ltd. MOLEX INC
|
UBA-4R-S10-2 UBB-PH4-1 |
4 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 4 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, CRIMP/SOLDER, PLUG
|
J S T MFG CO LTD
|
MSO75MPK58SE1K9 MSO75MPK1SE1K9 MSO34MPK1E1 MSO50MP |
75 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG 34 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG 50 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG 50 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
|
SOURIAU INC
|
39-01-2241 |
Header; No. of Contacts:24; Pitch Spacing:0.165"; No. of Rows:2; Gender:Male; Series:Mini-Fit Jr. 5559; Body Material:Nylon 6/6 RoHS Compliant: Yes 24 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
MLHS-01L1-100-777-2000 MLHS-01R5-100-777-2000 MLHS |
10 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG 50 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG 30 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG 10 CONTACT(S), FEMALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 40 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG
|
AIRBORN INC
|
|