PART |
Description |
Maker |
SMB SMBG16 SMBJ85 SMBJ58 SMBJ54 SMBJ110 SMBG150 SM |
UNI- AMD BI-DIRECTIONAL SURFACE MOUNT From old datasheet system High Speed CMOS Logic 4-by-4 Register File 16-CDIP -55 to 125 Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Gold; Contact Termination:Crimp CANMS3470L14-5PL/C High Speed CMOS Logic Octal Transparent Latches with 3-State Output 20-CDIP -55 to 125 CANMS3470L24-19SL/C High Speed CMOS Logic Non-Inverting Hex Buffer/Line Driver with 3-State Outputs 16-CDIP -55 to 125 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 联康AMD公司的双向表面贴 High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-CDIP -55 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PV SERIES 联康AMD公司的双向表面贴 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE EIC discrete Semiconductors
|
CMF8.0A CMF9.0A CMF7.0A CMF8.5A CMF6.0A CMF7.5A CM |
UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
015Z6.2-Z 015Z5.6Y 015Z5.1Z 015Z5.6-X 015Z6.2X 015 |
6.2 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 5.62 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.27 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.6 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 5.105 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.445 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 6.195 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.4 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 7.5 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 5.465 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 6.6 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 6.395 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.7 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 6.8 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 2.2 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 7.215 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 9.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 1.95 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8.75 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8.2 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 7.68 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 9.05 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.935 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 9.35 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.93 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.805 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.675 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.6 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 4.7 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 2.925 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.24 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.78 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.9 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 4.3 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 4.375 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SSC, 2 PIN 3.835 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 11 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 12 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Diotec Semiconductor AG Toshiba, Corp. NIC Components, Corp. Renesas Electronics, Corp. Nihon Dempa Kogyo Co., Ltd. NXP Semiconductors N.V.
|
1N5651/1 1N5649A 1N5648 1N5655A 1N5658 1N5646 1N56 |
Diode TVS Single Uni-Dir 45.4V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 40.2V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 38.1V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 34.8V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 70.1V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 89.2V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 29.1V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 121V 1.5KW 2-Pin DO-13
|
New Jersey Semiconductor
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
1N5651B 1N5635B |
Diode TVS Single Uni-Dir 45.4V 1.5KW 2-Pin DO-13 Bulk Diode TVS Single Uni-Dir 9.72V 1.5KW 2-Pin DO-13 Bulk
|
New Jersey Semiconductors
|
ESDF7V0D5 |
Uni-direction ESD Protection Diode
|
Jiangsu Changjiang Elec...
|
ZAD1025 |
DIODE TVS 5.0V 500W UNI-DIR 转换器IC
|
TE Connectivity, Ltd.
|
PM7325-TC |
S/UNI-ATLAS-3200 Telecom Standard Product Data Sheet Preliminary S/UNI-ATLAS-3200电信标准产品数据的初
|
PMC-Sierra, Inc.
|
TUSD05M2U |
Electro-Static Discharge TUSD05M2U Uni-Direction TVS Diode
|
StarHope
|
VGFM24A-FN5 |
90W SURFACE MOUNT UNI-DIRECTIONAL TVS DIODE-24V
|
WILLAS ELECTRONIC CORP
|
|