PART |
Description |
Maker |
S29AL016J55TFIR10 S29AL016J55FFIR20 S29AL016J55TFI |
1M X 16 FLASH 3V PROM, 55 ns, PDSO48 LEAD FREE, MO-142DDD, TSOP-48 1M X 16 FLASH 3V PROM, 55 ns, PBGA64 1M X 16 FLASH 3V PROM, 55 ns, PBGA48 1M X 16 FLASH 3V PROM, 55 ns, PDSO56
|
Spansion, Inc. SPANSION LLC
|
AM29LV800DB-70EF AM29LV800DB-90EF AM29LV800DB-70WC |
Flash Memory IC; Memory Size:8Mbit; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70nS; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 70 ns, PDSO48 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 512K X 16 FLASH 3V PROM, 120 ns, PDSO44 512K X 16 FLASH 3V PROM, 90 ns, PDSO44
|
Spansion, Inc. SPANSION LLC
|
LH28F008SCHB-LF12 LH28F008SCT-LF12 LH28F008SCR-LF8 |
1M X 8 FLASH 2.7V PROM, 120 ns, PBGA42 FBGA-42 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO40 TSOP1-40 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO40 REVERSE, TSOP1-40 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO40 REVERSE, TSOP1-40 1M X 8 FLASH 2.7V PROM, 85 ns, PBGA42 FBGA-42 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO44 SOP-44 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO40 TSOP1-40 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO44 SOP-44 1M X 8 FLASH 5V PROM, 120 ns, PDSO56 512K X 8 FLASH 5V PROM, 60 ns, PDSO44 2M X 8 FLASH 5V PROM, 120 ns, PDSO56 512K X 8 FLASH 5V PROM, 60 ns, PDSO48 256K X 8 FLASH 5V PROM, 80 ns, PDSO32
|
Sharp Electronics, Corp. SHARP ELECTRONICS CORP
|
S29CD032J0MFAM033 S29CD016J0MQFM130 S29CD016J0PQFM |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 1M X 32 FLASH 2.7V PROM, 54 ns, PBGA80 512K X 32 FLASH 2.7V PROM, 54 ns, PQFP80 1M X 32 FLASH 3.3V PROM, 54 ns, PBGA80
|
Spansion, Inc. SPANSION LLC
|
AT49F8192A-12TI AT49F8192A-70CC AT49F8192A-70TC |
1M X 8 FLASH 5V PROM, 120 ns, PDSO48 1M X 8 FLASH 5V PROM, 70 ns, PBGA48 70NS, TSOP, COM TEMP(FLASH)
|
ATMEL CORP
|
HY29LV320BF-80 HY29LV320BF-80I HY29LV320BT-12I HY2 |
32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 80 ns, PDSO48 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 122 x 32 pixel format, LED Backlight available 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA63 150 x 32 pixel format, LED Backlight available ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
N25Q128A13BF840E N25Q128A23BF840E N25Q128A33BF840E |
16M X 8 FLASH 3V PROM, PDSO16 16M X 8 FLASH 3V PROM, PBGA24 128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
|
Numonyx B.V
|
SST28SF040A-120-4I-EHE SST28SF040A-120-4C-EHE SST2 |
4 Mbit (512K x8) SuperFlash EEPROM 512K X 8 FLASH 2.7V PROM, 200 ns, PQCC32 512K X 8 FLASH 5V PROM, 90 ns, PDSO32 512K X 8 FLASH 5V PROM, 120 ns, PQCC32 512K X 8 FLASH 5V PROM, 120 ns, PDSO32
|
Silicon Storage Technol... SILICON STORAGE TECHNOLOGY INC
|
SST39LF160-70-4I-EK SST39VF160-70-4I-EK SST39VF160 |
64 Mbit (x16) Multi-Purpose Flash Plus 1M X 16 FLASH 2.7V PROM, 70 ns, PDSO48 17.5 mm (0.69 inch) General Purpose 8x8 Dot Matrix Alphanumeric Displays 16兆位(x16)的多用途闪 64 Mbit (x16) Multi-Purpose Flash Plus 1M X 16 FLASH 3V PROM, 55 ns, PDSO48 64 Mbit (x16) Multi-Purpose Flash Plus 1M X 16 FLASH 2.7V PROM, 90 ns, PDSO48 64 Mbit (x16) Multi-Purpose Flash Plus 64兆位(x16)的多功能闪存加
|
Silicon Storage Technology, Inc.
|
|