PART |
Description |
Maker |
SM-6P-S-A-I-TL SM-3P-H-H-L-TL SM-3P-T-H-I-TL SR-6P |
RF COAXIAL RELAY, SP6T, FAILSAFE, 5750mW (COIL), 6000MHz, PANEL MOUNT RF COAXIAL RELAY, SP6T, LATCHED, 0.55A (COIL), 12VDC (COIL), 6600mW (COIL), 4000MHz, PANEL MOUNT RF COAXIAL RELAY, SP6T, FAILSAFE, 0.27A (COIL), 12VDC (COIL), 3240mW (COIL), 6000MHz, PANEL MOUNT RF COAXIAL RELAY, SP6T, LATCHED, 0.31A (COIL), 28VDC (COIL), 8680mW (COIL), 4000MHz, PANEL MOUNT RF COAXIAL RELAY, SP6T, FAILSAFE, 5750mW (COIL), 4000MHz, PANEL MOUNT RF COAXIAL RELAY, SP6T, LATCHED, 0.55A (COIL), 12VDC (COIL), 6600mW (COIL), 6000MHz, PANEL MOUNT RF COAXIAL RELAY, SP5T, FAILSAFE, 0.19A (COIL), 28VDC (COIL), 5320mW (COIL), 6000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
SM-3C-H-L-26 SM-5C-H-L-26 |
RF COAXIAL RELAY, SP6T, LATCHED, 0.462A (COIL), 12VDC (COIL), 5544mW (COIL), 26500MHz, PANEL MOUNT RF COAXIAL RELAY, SP5T, LATCHED, 0.462A (COIL), 12VDC (COIL), 5544mW (COIL), 26500MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
27HC595P 27HC595T 27HCT595P 27HCT595T |
8-bit serial-in/serial-on parallel-out shift register with output latche; 3-state
|
Philips
|
R570.613.000 |
RF COAXIAL RELAY, SPDT, FAILSAFE, 0.14A (COIL), 28VDC (COIL), 3920mW (COIL), 12400MHz, PANEL MOUNT
|
RADIALL S A
|
R574.F22.420 |
RF COAXIAL RELAY, SP4T, LATCHED, 0.32A (COIL), 12VDC (COIL), 3840mW (COIL), 26500MHz, PANEL MOUNT
|
RADIALL S A
|
R574.F92.425 |
RF COAXIAL RELAY, SP4T, LATCHED, 0.64A (COIL), 12VDC (COIL), 7680mW (COIL), 26500MHz, PANEL MOUNT
|
RADIALL S A
|
531JY-431103A |
RF COAXIAL RELAY, SP3T, LATCHED, 0.21A (COIL), 28VDC (COIL), 5880mW (COIL), 40000MHz, 30W (RF INPUT), PANEL MOUNT
|
DOW-KEY MICROWAVE CORP
|
DSW62188 |
GaAs SP6T
|
DAICO Industries, Inc.
|
6806-15 |
0 MHz - 2000 MHz, 290 deg - RF/MICROWAVE COAXIAL MECHANICAL PH SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL
|
SPECTRUM CONTROL INC API Technologies Corp
|
DS0506 |
PIN Diode SP6T
|
DAICO[DAICO Industries, Inc.]
|
|