PART |
Description |
Maker |
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
MMBT2222ALP4-7B |
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
2N1987 2N1990 2N2237 2N2102A 2N2309 2N2405 2N2479 |
Leaded Small Signal Transistor General Purpose SMALL SIGNAL TRANSISTORS 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 SMALL SIGNAL TRANSISTORS 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 CABLE TIE MINI NAT 4.2,1 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
CENTRAL[Central Semiconductor Corp] Seme LAB Raytheon Company ETC Central Semiconductor Corp. Central Semiconductor, Corp.
|
MMST2222A-7-F |
40V NPN SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
DDTC114TUA DDTC113TUA-7 DDTC114TUA-7 DDTC115TUA-7 |
NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
MMBT3906LP-7B |
40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
FM751V-NL |
30mA Surface Mount Small Signal Schottky Diode- 40V
|
Formosa MS
|
DDTC143ECA DDTC124ECA DDTC144ECA DDTC123ECA2 DDTC1 |
NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
DDTC113TUA DDTC123TUA DDTC113TUA2 DDTC113TUA-7-F D |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
UMMD07540 |
40V, 0.75 Amp Surface Mount Small Signal Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnol...
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|