PART |
Description |
Maker |
NVFS NVFSA15DC12V NVFSA30DC12V NVFSA30DC24V NVFSA1 |
Small size and light weight. Heavy contact load (30A)
|
DB Lectro Inc.
|
NT90 NT90RHBSAC12VCB0.6 NT90RHBSAC12VCB0.9 NT90RNA |
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
|
DB Lectro Inc. DBLECTRO[DB Lectro Inc]
|
FTR-K3AB024W FTR-K3AB048W FTR-K310 FTR-K3JB005W FT |
POWER RELAY 1 POLE - 20A Heavy Load
|
Fujitsu Component Limit... Fujitsu Component Limited.
|
A67L93181E-8.5F A67L83361E A67L83361E-10.0 A67L833 |
512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM 12k × 1856 × 36 LVTTL,流通过ZeBL的SRAM Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Approval Categories:J-W-1177/14; MW 35C (Heavy); Conductor Material:Copper; Jacket Material:Polyester; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Approval Categories:J-W-1177/14; MW 35C (Heavy); Jacket Material:Polythermaleze; Leaded Process Compatible:Yes; Number of Conductors:1; Voltage Nom.:600V RoHS Compliant: Yes
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
012-560 012-600 012-800 NV2M-1A NV2M-1C NV2M-2A NV |
Small size, light weight Suitable for automobile, automation system, electronic equipment, instrument, meter, telecommunication facilities and remote control facilities Small size, light weight.
|
HuaXinAn Electronics CO.,LTD HuaXinAn Electronics CO...
|
2SD1619 |
Very small size making it easy to provide highdensity,small-sized hybrid IC’s.
|
TY Semiconductor Co., Ltd
|
2SB1119 |
Very small size making it easy to provide highdensity, small-sized hybrid ICS
|
TY Semiconductor Co., Ltd
|
16-02-0083 16-02-0104 16-02-0116 |
Crimp Socket Contact; Wire Size (AWG):24-22; Contact Plating:Gold; Series:70058; External Depth:0.064"; Operating Temp. Min:-40 C; Pitch Spacing:0.1"; Reel Quantity:20000; Voltage Rating:250V RoHS Compliant: Yes WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):24-22; Contact Current:3A RoHS Compliant: Yes SL Term Crp M 30 SAu 22-24 Reel RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
ADUC814BRU ADUC814ARU ADUC814ARU-REEL ADUC814ARU-R |
MicroConverter/ Small Package 12-Bit ADC with Embedded Flash MCU Circular Connector; No. of Contacts:61; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-61 Circular Connector; No. of Contacts:56; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-4 MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU 8-BIT, FLASH, 16.78 MHz, MICROCONTROLLER, PDSO28 MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU MicroConverter的,小包2位ADC,嵌入式闪存MCU MicroConverter?, Small Package 12-Bit ADC with Embedded Flash MCU
|
Analog Devices, Inc. ANALOG DEVICES INC
|
NCP336FCT2G |
3 A Ultra-Small Controlled Load Switch
|
ON Semiconductor
|
REL-B104 |
KAMMRELAIS ?, contact B 104, size 1, low-level contact, 2 PDTs, input voltage 120 V AC
|
PHOENIX CONTACT
|
VE13P00251KED VE13P00461K VE17P00461K VE24P00461K |
VARISTOR METAL-OXIDE 320V 70J 645V-CV 230PF RAD.3 10MM-DIA T&R RESISTOR, VOLTAGE DEPENDENT, 320 V, 70 J, THROUGH HOLE MOUNT Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (“P Series? VE/VF Types for Heavy Duty Applications (P Series) VE/VF Types for Heavy Duty Applications (P Series) Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (“P Series?
|
ITT Interconnect Solutions AVX Corporation
|