PART |
Description |
Maker |
LB1249 |
Active-Low Input /8-Unit / High-Current / Low-Saturation Driver Active-Low Input8-Unit High-Current Low-Saturation Driver Active-Low Input,8-Unit, High-Current, Low-Saturation Driver
|
SANYO[Sanyo Semicon Device]
|
LB1267 |
2-Channel, High-Current, Low-Saturation Driver Array 2-Channel High-Current Low-Saturation Driver Array
|
SANYO[Sanyo Semicon Device]
|
LB1268 |
3-Channel, High-Current, Low-Saturation Driver Array
|
SANYO[Sanyo Semicon Device]
|
2SB772 |
PNP transistor High current output up to 3A Low Saturation Voltage
|
TY Semiconductor Co., L...
|
BCV62 |
High current gain Low collector-emitter saturation voltage
|
TY Semiconductor Co., L...
|
2SA2124 |
Low-Saturation Voltage Transistors High-Current Switching Applications
|
Sanyo Semicon Device
|
BCW65 |
For general AF applications. High current gain. Low collector-emitter saturation voltage.
|
TY Semiconductor Co., Ltd
|
2SC4332-Z |
Low collector saturation voltage. Fast switching speed. High DC current gain.
|
TY Semiconductor Co., Ltd
|
2SC4705 |
High DC current gain (hFE=800 to 3200). Low collector-to-emitter saturation voltage
|
TY Semiconductor Co., L...
|
2SC5994 |
Low-Saturation Voltage Transistors NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications From old datasheet system
|
SANYO[Sanyo Semicon Device]
|
SMBTA1407 |
NPN Silicon Darlington Transistor High collector current Low collector-emitter saturation voltage
|
http://
|
IDT5993A-5QI IDT5993A-5Q 5993A_DATASHEET IDT5993A- |
From old datasheet system IGBT Module; Continuous Collector Current, Ic:400A; Collector Emitter Saturation Voltage, Vce(sat):1.7V; Power Dissipation, Pd:890W; Collector Emitter Voltage, Vceo:250V; Package/Case:Module; Transistor Polarity:N Channel RoHS Compliant: Yes IGBT Module; Continuous Collector Current, Ic:400A; Collector Emitter Saturation Voltage, Vce(sat):2.8V; Power Dissipation, Pd:1500W; Collector Current:400A; Collector Emitter Voltage, Vceo:600V; Leaded Process Compatible:No RoHS Compliant: No IGBT Module; Continuous Collector Current, Ic:30A; Collector Emitter Saturation Voltage, Vce(sat):2.8V; Power Dissipation, Pd:150W; Collector Current:30A; Collector Emitter Voltage, Vceo:600V; Leaded Process Compatible:No RoHS Compliant: No IGBT Module; Continuous Collector Current, Ic:400A; Collector Emitter Saturation Voltage, Vce(sat):2.2V; Power Dissipation, Pd:960W; Collector Emitter Voltage, Vceo:600V; Package/Case:Module; Transistor Polarity:N Channel RoHS Compliant: Yes PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO28 Scan Test Devices With 18-Bit Universal Bus Transceiver 64-LQFP -40 to 85 可编程相偏PLL时钟驱动器TURBOCLOCK
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|