PART |
Description |
Maker |
PC2SD11NWPAF PC2SD11NWZA PC2SD11NXZAF |
Non-zero cross type DIP 6pin Phototriac Coupler
|
Sharp
|
PC3SD21NTZCF |
Zero cross type DIP 6pin Phototriac Coupler for triggering
|
Sharp Electrionic Component...
|
PR33MF11NSZF |
Non-Zero Cross type DIP 8pin Triac output SSR 非零交叉式双酯双向晶闸管输出苏维埃社会主义共和国引脚
|
Sharp, Corp.
|
PC3ST21NSZ |
VDRM : 600V, Zero cross type DIP 4pin Phototriac Coupler for triggering
|
Sharp Electrionic Component...
|
S21MD4V |
Built-in Zero-cross Circuit/ High Noise Resistance Type Phototriac Coupler Built-in Zero-cross Circuit, High Noise Resistance Type Phototriac Coupler
|
Sharp Corporation Sharp Electrionic Components
|
S202TY2 |
IT(rms)?A, Zero Cross type Low profile SIP 4pin Triac output SSR
|
Sharp Electrionic Components
|
1MC06105 |
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
|
RMT Ltd.
|
H8711-1310 H8711-100 H8711-01 H8711-03 H8711-0310 |
4 ? 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type 4 × 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
|
Hamamatsu Corporation
|
WIREFOX-10-VDE-DB |
Stripping pliers, for stripping conductors with a cross section of up to 10 mm2, VDE-tested, type of packaging: with holder for sales display (backcard)
|
PHOENIX CONTACT
|
1MC04-012-10 1MC04-012-08 1MC04-012-05 1MC04012 1M |
Thermoelectric Module Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.4x0.4 mm. Each TEC type is available with five different heights as options
|
RMT Ltd.
|