PART |
Description |
Maker |
NFR21GD4701012 NFR21GD4701012L NFR21GD1016802 NFR2 |
EMIFILr (RC Combined) Single Circuit Type
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
222233840683 222233840684 222233840685 22223384168 |
CAPACITOR 68NF 300V CAPACITOR 680NF 300V CAPACITOR 6.8UF 300V Low-Power MicroMonitor Chip CAPACITOR 470NF 300V CAPACITOR 1.0UF 300V Power Monitor CAPACITOR 15NF 300V CAPACITOR 1.5UF 300V CAPACITOR 22NF 300V CAPACITOR 220NF 300V CAPACITOR 33NF 300V CAPACITOR 330NF 300V CAPACITOR 3.3UF 300V CAPACITOR 100NF 300V CAPACITOR 2.2UF 300V CAPACITOR 10NF 300V 256k Nonvolatile SRAM 电容3NF 300V
|
Vishay Intertechnology, Inc.
|
BLM31AJ601SN1 BLM31AJ260SN1 BLM31AF700SN1 |
Chip EMIFILr Inductor Type Chip Ferrite Beads
|
Murata Manufacturing Co., Ltd.
|
E0C63B07 |
CMOS 4-Bit Low Voltage Singl Single Chip Microcomputer Composed of 4-Bit E0C63000 Core CPU,RAM,ROM7 Segment Type LCD Driver0000 Gates of Gate Array(4位CMOS、低电压、单片微型计算机(含4位E0C63000中央处理器核RAM,ROM7段LCD驱动器,10000门阵列))
|
爱普生(中国)有限公
|
S3P72K8 S3C72K8 |
singl-chip CMOS microcontroller
|
SAMSUNG[Samsung semiconductor]
|
MH32S72BBFA-6 |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:7.5VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:780uF
|
Mitsubishi Electric Corporation
|
MH32S72DBFA-6 |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:8800uF
|
Mitsubishi Electric Corporation
|
M34282M2-064GP |
Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:68000uF RoHS Compliant: Yes
|
Mitsubishi Electric Corporation
|
SGW10N60RUF |
FEEDTHRU CAPACITOR, 220PF 0.5A 100VFEEDTHRU CAPACITOR, 220PF 0.5A 100V; Capacitance:0.22nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Short Circuit Rated IGBT
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
UPD29F064115GZ-DB80X-MJH UPD29F064115GZ-DB85X-MJH |
Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:150VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:22000uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:22000uF RoHS Compliant: Yes CONNECTOR ACCESSORY Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:22000uF RoHS Compliant: Yes 6400CMOS低电压双堆叠式存储器分词6位(字模式)页面模式 64M-BIT CMOS LOW-VOLTAGE DUAL OPERATION FLASH MEMORY 4M-WORD BY 16-BIT (WORD MODE) PAGE MODE 6400位CMOS低电压双堆叠式存储器分词6位(字模式)页面模式 4M X 16 FLASH 1.8V PROM, 80 ns, PBGA63
|
NEC Corp. NEC, Corp.
|
EETUQ1C333JJ EETUQ1C273KJ EETUQ2F221HJ EETUQ1C333L |
Aluminum Electrolytic Capacitors/ UQ Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 33000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitors/ UQ Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitors/ UQ Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 220 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitors/ UQ Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 315 V, 330 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitors/ UQ Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 315 V, 390 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitors/ UQ Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 18000 uF, THROUGH HOLE MOUNT
|
Panasonic, Corp.
|