Part Number Hot Search : 
MK325B MCF52230 TA0828A HMC330 HD74H KE220 LC75383E CTRE3522
Product Description
Full Text Search
  size Datasheet PDF File

For size Found Datasheets File :: 114898    Search Time::3.407ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    FTDI
Part No. VM800C
OCR Text ...pport 3 different lcd panel size options . user s can also co nnect to different lcd screens as long as they meet the ft800 technical spec ification and fit the vm800c lcd connector. ? vm800c 35 a - d , 3.3/5v...
Description Embedded Video Engine Credit Card Board

File Size 1,327.60K  /  22 Page

View it Online

Download Datasheet





    Pasternack Enterprises, Inc.
Part No. PE4352
OCR Text ...ting range, deg c -65 to +165 size length, in [mm] 1.95 [49.53] width/dia., in [mm] 0.81 [20.57] . weight, lbs [g] 0.068 [30.84] connector type gr874 sexless contact material and plating silver contact plating specifcation qq...
Description GR874 Sexless Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393

File Size 216.83K  /  2 Page

View it Online

Download Datasheet

    NRC-AS25ZOTRF NRC-AS12ZOTRF NRC-AS10ZOTRF NRC-AS06ZOTRF NRC-AS04ZOTRF NRC-AS02ZOTRF

NIC-Components Corp.
Part No. NRC-AS25ZOTRF NRC-AS12ZOTRF NRC-AS10ZOTRF NRC-AS06ZOTRF NRC-AS04ZOTRF NRC-AS02ZOTRF
OCR Text ...econds) specifications type eia size power rating at 70c max. *1 working voltage max. *2 overload voltage resistance tolerance code temperature coeff cient (ppm/c) resistance range ( w)*3 resistance values operating temperature range nrc-as...
Description Sulfur Resistant Thick Film Chip Resistors

File Size 145.97K  /  5 Page

View it Online

Download Datasheet

    80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C

PHILIPS[Philips Semiconductors]
Part No. 80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C51UFBB P80C51UFPN P87C51 P80C31 P80C31SBAA P80C31SBBB P80C31SBPN P80C31SFAA P80C31SFBB P80C31SFPN P80C31UBAA P80C31UBBB P80C31UBPN P80C31UFAA P80C31UFBB P80C31UFPN P87C51SBPN P87C51UBAA P87C51UBBB P87C51UBPN P87C51SFAA P87C51SFBB P87C51SFPN P87C51SBAA 80C31 P80C51 P87C51UFPN 87C51 P87C51SBBB P87C51UFAA P87C51UFBB
OCR Text ...A+ data sheet. ROM/EPROM Memory size (X by 8) 80C31/8XC51 0K/4K 80C32/8XC52/54/58 0K/8K/16K/32K 256 No No 128 No No RAM size (X by 8) Programmable Timer Counter (PCA) Hardware Watch Dog Timer * Three package styles * Extended temperature...
Description 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz

File Size 349.80K  /  38 Page

View it Online

Download Datasheet

    93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG 93LC46BX-E_OT 93LC46BX-E_P 93LC46BX-E_PG 93LC46BX-E_SN 93LC46BX-E_SNG

MICROCHIP[Microchip Technology]
Part No. 93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG 93LC46BX-E_OT 93LC46BX-E_P 93LC46BX-E_PG 93LC46BX-E_SN 93LC46BX-E_SNG 93LC46BX-E_ST 93LC46BX-E_STG 93LC46BX-I_MS 93LC46BX-I_MSG 93LC46BX-I_OT 93LC46BX-I_OTG 93LC46BX-I_P 93LC46BX-I_PG 93LC46BX-I_SN 93LC46BX-I_ST 93LC46BX-I_STG 93LC46BXT-E_MS 93LC46BXT-E_MSG 93LC46BXT-E_OT 93LC46BXT-E_OTG 93LC46BXT-E_P 93LC46BXT-E_PG 93LC46BXT-E_SN 93LC46BXT-E_SNG 93LC46BXT-E_ST 93LC46BXT-E_STG 93LC46BX-E_OTG 93LC46BXT-I_OT 93LC46BXT-I_PG 93LC46BXT-I_ST 93LC46BXT-I_MS 93LC46BXT-I_OTG 93LC46BXT-I_P 93LC46BX-I_SNG 93LC46C-I_SN 93LC46C-I_SNG 93LC46C-I_ST 93LC46C-I_STG 93LC46B-I_PG 93LC46BXT-I_SN 93LC46BXT-I_SNG 93LC46BXT-I_STG 93LC46BT-E_OTG 93LC46BT-E_SN 93LC46BT-I_OT 93LC46BT-I_OTG 93LC46BT-I_SN 93LC46BXT-I_MSG 93LC46BT-I_SNG 93LC46BT-I_STG 93LC46BT-E_OT 93LC46BT-E_P 93LC46BT-E_ST 93LC46AT-E_ST 93LC46AT-I_MSG 93LC46AT-I_SNG 93LC46AT-I_MS 93LC46AT-I_PG 93LC46AT-I_SN 93LC46BT-I_ST 93LC46AT-I_OT 93AA46A-I_SNG 93AA46AT-E_MS 93AA46AT-E_MSG 93LC46BT-E_MSG 93LC46BT-E_PG 93LC46BT-I_PG 93AA46CX-I_MS 93LC46AT-E_MS 93LC46AT-E_MSG 93LC46AT-E_OT 93LC46AT-E_OTG 93LC46AT-E_P 93LC46AT-E_PG 93LC46AT-E_SN 93LC46AT-E_SNG 93LC46AT-E_STG 93LC46BT-E_MS 93LC46BT-E_SNG 93LC
OCR Text ...No No No No Yes Yes Yes Word size 8-bit 16-bit 8-bit 16-bit 8-bit 16-bit 8 or 16-bit 8 or 16-bit 8 or 16-bit Temp Ranges I I I, E I, E I, E I, E I I, E I, E Packages P, SN, ST, MS, OT P, SN, ST, MS, OT P, SN, ST, MS, OT P, SN, S...
Description This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial ...
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial EERPOM
 
1K Microwire Compatible Serial EEPROM

File Size 271.04K  /  24 Page

View it Online

Download Datasheet

    LMR0 LMT0-27-4-100MW LMR0-27-4

Radiometrix Ltd
Part No. LMR0 LMT0-27-4-100MW LMR0-27-4
OCR Text ...ts data (cmos/ttl compatible) size 33 x 23 x 9mm interface user 10 (8) pin 0.1" pitch dual row (5+5) header rf 2pin 0.1? pitch recommended pcb hole size 1.2mm receiver sensitivity -...
Description 27MHz HF Narrow Band FM multi channel radio modules
   27MHz HF Narrow Band FM multi channel radio modules

File Size 102.62K  /  10 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. LMR-400
OCR Text ... 8000 peak power kw 16 size for size lmr has the lowest loss of any fexible cable and comparable loss to semirigid hard-line cables. ? rf shielding is 50 db greater than typical single shielded ...
Description Flexible Low Loss Communications Coax

File Size 315.14K  /  2 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. LMR-400-UF
OCR Text ...ble for any cable of similar size and performance. ? low loss is another hallmark feature of lmr-400- uf. size for size lmr has the lowest loss of any fexible cable and comparable loss to semirigid hard-line cables. ? rf shield...
Description LMR-?400-UF UltraFlex Communications Coax

File Size 206.38K  /  4 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. LMR-240
OCR Text ...lmark feature of lmr-240. size for size lmr has the lowest loss of any fexible cable and comparable loss to semirigid hard-line cables. ? rf shielding is 50 db greater than typical single shielded ...
Description Flexible Low Loss Communications Coax

File Size 274.93K  /  4 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. LMR-200
OCR Text ...rk feature of lmr-200. size for size lmr has the lowest loss of any fexible cable and comparable loss to semirigid hard-line cables. ? rf shielding is 50 db greater than typical ...
Description Flexible Low Loss Communications Coax

File Size 216.71K  /  4 Page

View it Online

Download Datasheet

For size Found Datasheets File :: 114898    Search Time::3.407ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of size

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1138429641724